Electronic Components Datasheet Search
  English  ▼

X  

86004 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 86004
Description  15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

86004 Datasheet(HTML) 1 Page - Renesas Technology Corp

  86004 Datasheet HTML 1Page - Renesas Technology Corp 86004 Datasheet HTML 2Page - Renesas Technology Corp 86004 Datasheet HTML 3Page - Renesas Technology Corp 86004 Datasheet HTML 4Page - Renesas Technology Corp 86004 Datasheet HTML 5Page - Renesas Technology Corp 86004 Datasheet HTML 6Page - Renesas Technology Corp 86004 Datasheet HTML 7Page - Renesas Technology Corp 86004 Datasheet HTML 8Page - Renesas Technology Corp 86004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL Zero Delay Clock Buffer
86004
DATASHEET
860049 REVISION B 7/10/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The 86004 is a high performance 1:4 LVCMOS/LVTTL Clock Buffer.
The 86004 has a fully integrated PLL and can be configured as
zero delay buffer and has an input and output frequency range
of 15.625MHz to 62.5MHz. The VCO operates at a frequency
range of 250MHz to 500MHz. The external feedback allows the
device to achieve “zero delay” between the input clock and the
output clocks. The PLL_SEL pin can be used to bypass the PLL for
system test and debug purposes. In bypass mode, the reference
clock is routed around the PLL and into the internal output divider.
FEATURES
• Four LVCMOS/LVTTL outputs, 7
Ω typical output impedance
• Single LVCMOS/LVTTL clock input
• CLK accepts the following input levels: LVCMOS or LVTTL
• Output frequency range: 15.625MHz to 62.5MHz
• Input frequency range: 15.625MHz to 62.5MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Fully integrated PLL
• Cycle-to-cycle jitter: 65ps (maximum)
• Output skew: 65ps (maximum)
• Full 3.3V or 2.5V, or 3.3V core/2.5V output operating supply
• 0°C to 70° ambient operating temperature
• Available in lead-free RoHS compliant package
BLOCK DIAGRAM
PIN ASSIGNMENT
86004
16-Lead TSSOP
4.4mm x 5.0mm x 0.925mm package body
G Package
Top View


Similar Part No. - 86004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
logo
Alpha Wire
86004 ALPHAWIRE-86004 Datasheet
410Kb / 4P
28 (7/36) AWG Tinned Copper
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
logo
Molex Electronics Ltd.
86004-3078 MOLEX-86004-3078 Datasheet
165Kb / 4P
Bezel Adapter System
86004-3079 MOLEX-86004-3079 Datasheet
165Kb / 4P
Bezel Adapter System
More results

Similar Description - 86004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS86004-02 IDT-ICS86004-02 Datasheet
588Kb / 10P
62.5MHZ TO 250MHZ, 1-TO-4 LVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
ICS87002-05 RENESAS-ICS87002-05 Datasheet
951Kb / 13P
1:2 LVCMOS/LVTTL-to-LVCMOS/LVTTL Zero Delay Buffer for Audio
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com