Electronic Components Datasheet Search
  English  ▼

X  

86004 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 86004
Description  15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

86004 Datasheet(HTML) 2 Page - Renesas Technology Corp

  86004 Datasheet HTML 1Page - Renesas Technology Corp 86004 Datasheet HTML 2Page - Renesas Technology Corp 86004 Datasheet HTML 3Page - Renesas Technology Corp 86004 Datasheet HTML 4Page - Renesas Technology Corp 86004 Datasheet HTML 5Page - Renesas Technology Corp 86004 Datasheet HTML 6Page - Renesas Technology Corp 86004 Datasheet HTML 7Page - Renesas Technology Corp 86004 Datasheet HTML 8Page - Renesas Technology Corp 86004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL ZERO DELAY CLOCK BUFFER
86004 DATA SHEET
2
REVISION B 7/10/15
Input
Output
F_SEL
0
Ref ÷8
1
Ref ÷16
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. CONTROL INPUT FUNCTION TABLE, PLL_SEL = 1
Input
Input/Output
Frequency Range (MHz)
F_SEL
Minimum
Maximum
0
31.25
62.5
1
15.625
31.25
TABLE 3B. CONTROL INPUT FUNCTION TABLE, PLL_SEL = 0
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
C
PD
Power Dissipation Capacitance
(per output)
V
DD
, V
DDA
, V
DDO
= 3.465V
23
pF
V
DD
, V
DDA
, V
DDO
= 2.625V
17
pF
R
OUT
Output Impedance
3.3V ± 5%
5
7
12
Ω
Number
Name
Type
Description
1, 3,
13, 15
Q1, Q0,
Q3, Q2
Output
Clock outputs. 7
Ω
typical output impedance. LVCMOS/LVTTL interface levels.
2, 7, 14
GND
Power
Power supply ground.
4
F_SEL
Input
Pulldown
Frequency range select input. See Table 3A and 3B.
LVCMOS/LVTTL interface levels.
5V
DD
Power
Core supply pin.
6
CLK
Input
Pulldown LVCMOS/LVTTL clock input.
8V
DDA
Power
Analog supply pin.
9
PLL_SEL
Input
Pullup
Selects between the PLL and reference clock as input to the dividers.
When LOW, selects the reference clock (PLL Bypass). When HIGH,
selects PLL (PLL Enabled). LVCMOS/LVTTL interface levels.
10
FB_IN
Input
Pulldown
Feedback input to phase detector for regenerating clocks with “zero delay”.
Connect to one of the outputs. LVCMOS/LVTTL interface levels.
11
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the outputs to go low. When logic LOW, the internal dividers and the
outputs are enabled. LVCMOS/LVTTL interface levels.
12, 16
V
DDO
Power
Output supply pins.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com