Electronic Components Datasheet Search
  English  ▼

X  

86004 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 86004
Description  15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

86004 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 86004 Datasheet HTML 4Page - Renesas Technology Corp 86004 Datasheet HTML 5Page - Renesas Technology Corp 86004 Datasheet HTML 6Page - Renesas Technology Corp 86004 Datasheet HTML 7Page - Renesas Technology Corp 86004 Datasheet HTML 8Page - Renesas Technology Corp 86004 Datasheet HTML 9Page - Renesas Technology Corp 86004 Datasheet HTML 10Page - Renesas Technology Corp 86004 Datasheet HTML 11Page - Renesas Technology Corp 86004 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL ZERO DELAY CLOCK BUFFER
86004 DATA SHEET
8
REVISION B 7/10/15
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply
pins are vulnerable to random noise. The 86004 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD
, V
DDA
, and
V
DDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01μF bypass
capacitor should be connected to each V
DDA
.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
INPUTS:
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We recommend that
there is no trace attached.
FIGURE 2. 86004 SCHEMATIC EXAMPLE
SCHEMATIC EXAMPLE
Figure 2 shows a schematic example of using an 86004. It is
recommended to have one decouple capacitor per power pin. Each
decoupling capacitor should be located as close as possible to the
power pin. The low pass filter R7, C11 and C16 for clean analog
supply should also be located as close to the V
DDA pin as possible.
VDD
Ro ~ 7 Ohm
LVCMOS
R4
100
U1
ICS86004
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Q1
GND
Q0
F_SEL
VDD
CLK
GND
VDDA
PLL_SEL
FB_IN
MR
VDDO
Q3
GND
Q2
VDDO
VDD
R3
1K
C11
0.01u
R2
43
VDD
Zo = 50
Zo = 50
R11
43
Serial Termination
VDD
R6
1K
Zo = 50
(U1-12)
VDD
C2
0.1uF
(U1-5)
Zo = 50
VDD
C16
10u
VDD=3.3V
R8
43
Parallel Termination
Zo = 50
R7
10
R1
43
VDD
C3
0.1uF
(U1-16)
C1
0.1uF
R5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com