Electronic Components Datasheet Search
  English  ▼

X  

RAA210825 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RAA210825
Description  Pin-Configurable 25A DC/DC Power Module with PMBus Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210825 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RAA210825 Datasheet HTML 34Page - Renesas Technology Corp RAA210825 Datasheet HTML 35Page - Renesas Technology Corp RAA210825 Datasheet HTML 36Page - Renesas Technology Corp RAA210825 Datasheet HTML 37Page - Renesas Technology Corp RAA210825 Datasheet HTML 38Page - Renesas Technology Corp RAA210825 Datasheet HTML 39Page - Renesas Technology Corp RAA210825 Datasheet HTML 40Page - Renesas Technology Corp RAA210825 Datasheet HTML 41Page - Renesas Technology Corp RAA210825 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
FN9349 Rev.1.00
Page 38 of 56
Feb 8, 2019
RAA210825
7. PMBus Command Descriptions
OT_FAULT_LIMIT (4Fh)
Definition: Sets the temperature at which the device should indicate an over-temperature fault. Note that the
temperature must drop below OT_FAULT_LIMIT to clear this fault.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: EB98h (+115˚C)
Units: Celsius
Range: 0°C to +150°C
UT_FAULT_LIMIT (53h)
Definition: Sets the temperature, in degrees Celsius, of the unit where it should indicate an under-temperature fault.
Note that the temperature must rise above UT_FAULT_LIMIT to clear this fault.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: E530h (-45°C)
Units: Celsius
Range: -55°C to +25°C
VIN_OV_FAULT_LIMIT (55h)
Definition: Sets the VIN overvoltage fault threshold.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: D3A0h (14.5V)
Units: V
Range: 0V to 16V
VIN_UV_FAULT_LIMIT (59h)
Definition: Sets the VIN undervoltage fault threshold.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Pin-strap setting
Units: V
Range: 0V to 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com