Electronic Components Datasheet Search
  English  ▼

X  

RAA210825 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RAA210825
Description  Pin-Configurable 25A DC/DC Power Module with PMBus Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210825 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RAA210825 Datasheet HTML 45Page - Renesas Technology Corp RAA210825 Datasheet HTML 46Page - Renesas Technology Corp RAA210825 Datasheet HTML 47Page - Renesas Technology Corp RAA210825 Datasheet HTML 48Page - Renesas Technology Corp RAA210825 Datasheet HTML 49Page - Renesas Technology Corp RAA210825 Datasheet HTML 50Page - Renesas Technology Corp RAA210825 Datasheet HTML 51Page - Renesas Technology Corp RAA210825 Datasheet HTML 52Page - Renesas Technology Corp RAA210825 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
FN9349 Rev.1.00
Page 49 of 56
Feb 8, 2019
RAA210825
9. Package Outline Drawing
9.
Package Outline Drawing
Y41.17x19
41 I/O 17.0mm x 19.0mmx3.6mm HDA Module
Rev 1, 5/16
2X
0.10 C
3.6 ±0.1
0.025 MAX
// 0.10 C
C
SIDE VIEW
0.08 C
SEATING
DETAIL A
TERMINAL #A1
INDEX AREA
B
TOP VIEW
0.20 REF
21 x 0.60 ±0.05
3
3
0.05
C
TERMINAL TIP
BOTTOM VIEW
PIN 1 INDICATOR
DATUM B
DATUM A
0.30 REF
SEE
0.30 REF
21 x 0.60 ±0.05
0.20 REF
1.00 BSC
1.00 BSC
2
2
DETAIL A
PLANE
2X
0.10 C
17.00 BSC
19.00 BSC
A
18.50 ±0.15
16.50 ±0.15
M
0.10
C A B
M
0.10
C A B
12.00
M
0.10
C A B
M
NOTES:
1. All dimensions are in millimeters.
2. Represents the basic land grid pitch.
3. The total number of I/O (excluding dummy pads).
4. Unless otherwise specified, tolerance: decimal ±0.10.
5. Dimensioning and tolerancing per ASME Y14.M-2009.
6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated.
The pin #1 identifier may be either a mold or mark feature.
2.975
1.350
0.20 REF
0.475
1.300
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
9.00
For the most recent package outline drawing, see Y41.17x19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com