Electronic Components Datasheet Search
  English  ▼

X  

RAA210825 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RAA210825
Description  Pin-Configurable 25A DC/DC Power Module with PMBus Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210825 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RAA210825 Datasheet HTML 17Page - Renesas Technology Corp RAA210825 Datasheet HTML 18Page - Renesas Technology Corp RAA210825 Datasheet HTML 19Page - Renesas Technology Corp RAA210825 Datasheet HTML 20Page - Renesas Technology Corp RAA210825 Datasheet HTML 21Page - Renesas Technology Corp RAA210825 Datasheet HTML 22Page - Renesas Technology Corp RAA210825 Datasheet HTML 23Page - Renesas Technology Corp RAA210825 Datasheet HTML 24Page - Renesas Technology Corp RAA210825 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
FN9349 Rev.1.00
Page 21 of 56
Feb 8, 2019
RAA210825
4. Functional Description
4.3
Soft-Start Delay and Ramp Times
The RAA210825 follows an internal start-up procedure after power is applied to the VDD pin. The module
requires approximately 60ms to 70ms to check for specific values stored in its internal memory and programmed
by pin-strap resistors. When this process is complete, the device is ready to accept commands from the PMBus
interface and the module is ready to be enabled. If the module is synchronizing to an external clock source, the
clock frequency must be stable prior to asserting the EN pin.
It may be necessary to set a delay from when an enable signal is received until the output voltage starts to ramp to
its target value. In addition, the designer may wish to precisely set the time required for VOUT to ramp to its target
value after the delay period has expired. These features can be used as part of an overall inrush current management
strategy or to precisely control how fast a load IC is turned on. The RAA210825 gives the system designer several
options for precisely and independently controlling both the delay and ramp time periods. The soft-start delay
period begins when the EN pin is asserted and ends when the delay time expires.
The soft-start delay (TON_DELAY) and ramp-up time (TON_RISE) can be set to custom values with pin-strap
resistors or PMBus. When the delay time is set to 0ms, the device begins its ramp-up after the internal circuitry has
initialized (approximately 2ms). When the soft-start ramp period is set to 0ms, the output ramps up as quickly as
the output load capacitance and loop settings allow. In general, set the soft-start ramp to a value greater than 500µs
to prevent inadvertent fault conditions due to excessive inrush current.
Similar to the soft-start delay and ramp-up time, the delay (TOFF_DELAY) and ramp-down time (TOFF_FALL)
for soft-stop/off can be set to custom values with pin-strap resistors or PMBus. In addition, the module can be
configured as “immediate off” with the command ON_OFF_CONFIG, such that the internal MOSFETs are turned
off immediately after the delay time expires.
The SS/UVLO pin can program the soft-start/stop delay time and ramp time to some typical values as shown in
Table 6. A standard 1% resistor is required.
Table 6. Soft-Start/Stop Resistor Settings
Resistor (kΩ)
Delay Time (ms)
Ramp Time (ms)
Open
5
5
Connect to V25
10
10
Connect to SGND
5
2
12.1
5
2
13.3
5
5
14.7
5
10
16.2
10
2
17.8
10
5
19.6
10
10
21.5
20
5
23.7
20
10
26.1
5
2
28.7
5
5
31.6
5
10
34.8
10
2
38.3
10
5
42.2
10
10
46.4
20
5
51.1
20
10
56.2
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com