Electronic Components Datasheet Search
  English  ▼

X  

RAA210825 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RAA210825
Description  Pin-Configurable 25A DC/DC Power Module with PMBus Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210825 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RAA210825 Datasheet HTML 9Page - Renesas Technology Corp RAA210825 Datasheet HTML 10Page - Renesas Technology Corp RAA210825 Datasheet HTML 11Page - Renesas Technology Corp RAA210825 Datasheet HTML 12Page - Renesas Technology Corp RAA210825 Datasheet HTML 13Page - Renesas Technology Corp RAA210825 Datasheet HTML 14Page - Renesas Technology Corp RAA210825 Datasheet HTML 15Page - Renesas Technology Corp RAA210825 Datasheet HTML 16Page - Renesas Technology Corp RAA210825 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
FN9349 Rev.1.00
Page 13 of 56
Feb 8, 2019
RAA210825
2. Specifications
Soft-Start and Sequencing
Delay Time From Enable to
VOUT Rise
tON_DELAY
Configured using pin-strap resistor or
PMBus
2
300
ms
tON_DELAY Accuracy
tON_DELAY_ACCY
±2
ms
Output Voltage Ramp-Up Time
tON_RISE
Configured using pin-strap resistor or
PMBus
0.5
120
ms
Output Voltage Ramp-Up Time
Accuracy
tON_RISE_ACCY
±250
µs
Delay Time From Disable to
VOUT Fall
tOFF_DELAY
Configured using pin-strap resistor or
PMBus
2
300
ms
tOFF_DELAY Accuracy
tOFF_DELAY_ACCY
±2
ms
Output Voltage Fall Time
tOFF_FALL
Configured using pin-strap resistor or
PMBus
0.5
120
ms
Output Voltage Fall Time
Accuracy
tON_FALL_ACCY
±250
µs
Power-Good
Power-Good Delay
VPG_DELAY
4ms
Temperature Sense
Temperature Sense Range
TSENSE_RANGE
Configured using PMBus
-50
150
C
Internal Temperature Sensor
Accuracy
INT_TEMPACCY
Tested at +100°C
-5
+5
C
Fault Protection
VDD Undervoltage Threshold
Range
VDD_UVLO_RANGE Measured internally
4.18
16
V
VDD Undervoltage Threshold
Accuracy (Note 18)
VDD_UVLO_ACCY
±2
%FS
VDD Undervoltage Response
Time
VDD_UVLO_DELAY
10
µs
VOUT Overvoltage Threshold
Range
VOUT_OV_RANGE
Factory default
1.15VOUT
V
Configured using pin-strap resistor or
PMBus
1.05VOUT
VOUT_MAX
V
VOUT Undervoltage Threshold
Range
VOUT_UV_RANGE
Factory default
0.85VOUT
V
Configured using pin-strap resistor or
PMBus
0
0.95VOUT
V
VOUT OV/UV Threshold
Accuracy (Note 16)
VOUT_OV/UV_ACCY
-2
+2
%
VOUT OV/UV Response Time
VOUT_OV/UV_DELAY
10
µs
Output Current Limit Set-Point
Accuracy (Note 18)
ILIMIT_ACCY
Tested at IOUT_OC_FAULT_LIMIT =
30A
±10
%FS
Output Current Fault Response
Time (Note 19)
ILIMIT_DELAY
Factory default
5
tSW
Over-temperature Protection
Threshold (Controller Junction
Temperature)
TJUNCTION
Factory default
+115
C
Configured using PMBus
-40
+125
C
Thermal Protection Hysteresis
TJUNCTION_HYS
+15
C
VIN = VDD = 12V, fSW = 533kHz, COUT = 1340µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 15)Typ
Max
(Note 15)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com