Electronic Components Datasheet Search
  English  ▼

X  

DSP56321RM/D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 14Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 15Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 16Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 17Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 18Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 19Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 20Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 21Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
1-12
Enhanced Synchronous Serial Interface 0 (ESSI0)
1.8 Enhanced Synchronous Serial Interface 0 (ESSI0)
Two synchronous serial interfaces (ESSI0 and ESSI1) provide a full-duplex serial port for serial
communication with a variety of serial devices, including one or more industry-standard codecs, other
DSPs, microprocessors, and peripherals that implement the Motorola serial peripheral interface (SPI).
Table 1-11. Enhanced Synchronous Serial Interface 0
Signal Name
Type
State During
Reset1,2
Signal Description
SC00
PC0
Input or Output
Input or Output
Ignored Input
Serial Control 0—For asynchronous mode, this signal is used for
the receive clock I/O (Schmitt-trigger input). For synchronous
mode, this signal is used either for transmitter 1 output or for serial
I/O flag 0.
Port C 0—The default configuration following reset is GPIO input
PC0. When configured as PC0, signal direction is controlled
through the Port C Direction Register. The signal can be
configured as ESSI signal SC00 through the Port C Control
Register.
SC01
PC1
Input/Output
Input or Output
Ignored Input
Serial Control 1—For asynchronous mode, this signal is the
receiver frame sync I/O. For synchronous mode, this signal is
used either for transmitter 2 output or for serial I/O flag 1.
Port C 1—The default configuration following reset is GPIO input
PC1. When configured as PC1, signal direction is controlled
through the Port C Direction Register. The signal can be
configured as an ESSI signal SC01 through the Port C Control
Register.
SC02
PC2
Input/Output
Input or Output
Ignored Input
Serial Control Signal 2—The frame sync for both the transmitter
and receiver in synchronous mode, and for the transmitter only in
asynchronous mode. When configured as an output, this signal is
the internally generated frame sync signal. When configured as an
input, this signal receives an external frame sync signal for the
transmitter (and the receiver in synchronous operation).
Port C 2—The default configuration following reset is GPIO input
PC2. When configured as PC2, signal direction is controlled
through the Port C Direction Register. The signal can be
configured as an ESSI signal SC02 through the Port C Control
Register.
SCK0
PC3
Input/Output
Input or Output
Ignored Input
Serial Clock—Provides the serial bit rate clock for the ESSI. The
SCK0 is a clock input or output, used by both the transmitter and
receiver in synchronous modes or by the transmitter in
asynchronous modes.
Although an external serial clock can be independent of and
asynchronous to the DSP system clock, it must exceed the
minimum clock cycle time of 6T (that is, the system clock
frequency must be at least three times the external ESSI clock
frequency). The ESSI needs at least three DSP phases inside
each half of the serial clock.
Port C 3—The default configuration following reset is GPIO input
PC3. When configured as PC3, signal direction is controlled
through the Port C Direction Register. The signal can be
configured as an ESSI signal SCK0 through the Port C Control
Register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com