Electronic Components Datasheet Search
  English  ▼

X  

DSP56321RM/D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 8Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 9Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 10Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 11Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 12Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 13Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 14Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 15Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
1-6
External Memory Expansion Port (Port A)
BG
Input
Ignored Input
Bus Grant—Asserted by an external bus arbitration circuit when the
DSP56321T becomes the next bus master. When BG is asserted, the
DSP56321T must wait until BB is deasserted before taking bus
mastership. When BG is deasserted, bus mastership is typically given
up at the end of the current bus cycle. This may occur in the middle of an
instruction that requires more than one external bus cycle for execution.
To ensure proper operation, the user must set the asynchronous bus
arbitration enable (ABE) bit (Bit 13) in the Operating Mode Register.
When this bit is set, BG and BB are synchronized internally. This adds a
required delay between the deassertion of an initial BG input and the
assertion of a subsequent BG input.
BB
Input/
Output
Ignored Input
Bus Busy—Indicates that the bus is active. Only after BB is deasserted
can the pending bus master become the bus master (and then assert
the signal again). The bus master may keep BB asserted after ceasing
bus activity regardless of whether BR is asserted or deasserted. Called
“bus parking,” this allows the current bus master to reuse the bus
without rearbitration until another device requires the bus. BB is
deasserted by an “active pull-up” method (that is, BB is driven high and
then released and held high by an external pull-up resistor).
Notes:
1.
See BG for additional information.
2.
BB requires an external pull-up resistor.
Table 1-7. External Bus Control Signals (Continued)
Signal
Name
Type
State During
Reset, Stop, or
Wait
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com