Electronic Components Datasheet Search
  English  ▼

X  

DSP56321RM/D Datasheet(PDF) 46 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 42Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 43Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 44Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 45Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 46Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 47Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 48Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 49Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
2-22
AC Electrical Characteristics
2.5.7
SCI Timing
Table 2-11. SCI Timings
No.
Characteristics1
Symbol
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
400
Synchronous clock cycle
tSCC
2
16
× T
C
72.8
—
66.7
—
ns
401
Clock low period
tSCC/2 − 10.0
26.4
—
23.4
—
ns
402
Clock high period
tSCC/2 − 10.0
26.4
—
23.4
—
ns
403
Output data setup to clock falling edge
(internal clock)
tSCC/4 + 0.5 × TC −17.0
3.5
—
1.76
—
ns
404
Output data hold after clock rising
edge (internal clock)
tSCC/4 − 0.5 × TC
15.9
—
14.6
—
ns
405
Input data setup time before clock
rising edge (internal clock)
tSCC/4 + 0.5 × TC + 25.0
45.5
—
43.8
—
ns
406
Input data not valid before clock rising
edge (internal clock)
tSCC/4 + 0.5 × TC − 5.5
—
15.0
—
13.8
ns
407
Clock falling edge to output data valid
(external clock)
—
32.0
—
32.0
ns
408
Output data hold after clock rising
edge (external clock)
TC + 8.0
12.6
—
12.2
—
ns
409
Input data setup time before clock
rising edge (external clock)
0.0
—
0.0
—
ns
410
Input data hold time after clock rising
edge (external clock)
9.0
—
9.0
—
ns
411
Asynchronous clock cycle
tACC
3
64
× T
C
291.2
—
266.9
—
ns
412
Clock low period
tACC/2 − 10.0
135.6
—
123.5
—
ns
413
Clock high period
tACC/2 − 10.0
135.6
—
123.5
—
ns
414
Output data setup to clock rising edge
(internal clock)
tACC/2 − 30.0
115.6
—
103.5
—
ns
415
Output data hold after clock rising
edge (internal clock)
tACC/2 − 30.0
115.6
—
103.5
—
ns
Notes:
1.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF.
2.
tSCC = synchronous clock cycle time (for internal clock, tSCC is determined by the SCI clock control register and
TC).
3.
tACC = asynchronous clock cycle time; value given for 1X Clock mode (for internal clock, tACC is determined by the
SCI clock control register and TC).
4.
In the timing diagrams below, the SCLK is drawn using the clock falling edge as a the first reference. Clock polarity
is programmable in the SCI Control Register (SCR). Refer to the
DSP56321 Reference Manual for details.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com