Electronic Components Datasheet Search
  English  ▼

X  

DSP56321RM/D Datasheet(PDF) 30 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 26Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 27Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 28Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 29Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 30Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 31Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 32Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 33Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
2-6
AC Electrical Characteristics
2.5.3
Clock Generator (CLKGEN) and Digital Phase Lock Loop
(DPLL) Characteristics
Table 2-6. CLKGEN and DPLL Characteristics
Characteristics
Symbol
220 MHz
240 MHz
Unit
Min
Max
Min
Max
Predivision factor
PDF1
116
116
—
Predivider output clock frequency range
PDFR
16
32
16
32
MHz
Total multiplication factor2
MF
5
15
5
15
—
Multiplication factor integer part
MFI1
515
515
—
Multiplication factor numerator3
MFN
0
127
0
127
—
Multiplication factor denominator
MFD
1
128
1
128
—
Double clock frequency range
DDFR
160
440
160
480
MHz
Phase lock-in time4
DPLT
6.85
1506
6.85
1506
µs
Notes:
1.
Refer to the
DSP56321 User’s Manual for a detailed description of register reset values.
2.
The total multiplication factor (MF) includes both integer and fractional parts (that is, MF = MFI +
MFN/MFD).
3.
The numerator (MFN) should be less than the denominator (MFD).
4.
DPLL lock procedure duration is specified for the case when an external clock source is supplied to the
EXTAL pin. Parameters will be refined after silicon characterization.
5.
Frequency-only Lock Mode or non-integer MF, after partial reset.
6.
Frequency and Phase Lock Mode, integer MF, after full reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com