Electronic Components Datasheet Search
  English  ▼

X  

AT43USB351M Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT43USB351M Datasheet HTML 3Page - ATMEL Corporation AT43USB351M Datasheet HTML 4Page - ATMEL Corporation AT43USB351M Datasheet HTML 5Page - ATMEL Corporation AT43USB351M Datasheet HTML 6Page - ATMEL Corporation AT43USB351M Datasheet HTML 7Page - ATMEL Corporation AT43USB351M Datasheet HTML 8Page - ATMEL Corporation AT43USB351M Datasheet HTML 9Page - ATMEL Corporation AT43USB351M Datasheet HTML 10Page - ATMEL Corporation AT43USB351M Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
7
AT43USB351M
3302E–USB–7/04
lowest Data Space addresses ($00 - $1 F), allowing them to be accessed as though they were
ordinary memory locations.
The I/O memory space contains 64 addresses for CPU peripheral functions as Control Regis-
ters, Timer/Counters, and other I/O functions. The I/O Memory can be accessed directly, or as
the Data Space locations following those of the register file, $20 - $5F.
The AVR uses a Harvard architecture concept – with separate memories and buses for pro-
gram and data. The program memory is executed with a single-level pipelining. While one
instruction is being executed, the next instruction is pre-fetched from the program memory.
This concept enables instructions to be executed in every clock cycle. The program memory is
a downloadable SRAM or a mask programmed ROM.
With the relative jump and call instructions, the whole 24K address space is directly accessed.
Most AVR instructions have a single 16-bit word format. Every program memory address con-
tains a 16- or 32-bit instruction.
During interrupts and subroutine calls, the return address Program Counter (PC) is stored on
the stack. The stack is effectively allocated in the general data SRAM, and consequently, the
stack size is only limited by the total SRAM size and the usage of the SRAM. All user pro-
grams must initialize the Stack Pointer (SP) in the reset routine (before subroutines or
interrupts are executed). The 10-bit SP is read/write accessible in the I/O space.
The 1-Kbyte data SRAM can be easily accessed through the five different addressing modes
supported in the AVR architecture.
The memory spaces in the AVR architecture are all linear and regular memory maps. A flexi-
ble interrupt module has its control registers in the I/O space with an additional global interrupt
enable bit in the status register. All interrupts have a separate interrupt vector in the interrupt
vector table at the beginning of the program memory. The interrupts have priority in accor-
dance with their interrupt vector position. The lower the interrupt vector address, the higher the
priority.
Development
Support
The AT43USB351M uses the same program and development tools as the AT43USB355 and
other Atmel AVR microcontrollers, including: C compilers, macro assemblers, program debug-
gers/simulators and in-circuit emulators. The AT43DK355 development kit is also available,
including firmware source code for the most common USB applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com