Electronic Components Datasheet Search
  English  ▼

X  

AT43USB351M Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT43USB351M Datasheet HTML 14Page - ATMEL Corporation AT43USB351M Datasheet HTML 15Page - ATMEL Corporation AT43USB351M Datasheet HTML 16Page - ATMEL Corporation AT43USB351M Datasheet HTML 17Page - ATMEL Corporation AT43USB351M Datasheet HTML 18Page - ATMEL Corporation AT43USB351M Datasheet HTML 19Page - ATMEL Corporation AT43USB351M Datasheet HTML 20Page - ATMEL Corporation AT43USB351M Datasheet HTML 21Page - ATMEL Corporation AT43USB351M Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
18
AT43USB351M
3302E–USB–7/04
Functional Description
On-chip Power
Supply
The AT43USB351M contains three on-chip power supplies that generate 3.3V with a capacity
of 30 mA each from the 5V power input. The on-chip power supplies are intended to supply
the AT43USB351M internal circuit and the 1.5K pull-up resistor only and should not be used
for other purposes. External 2.2 µF filter capacitors are required at the power supply outputs,
CEXT1 and CEXT2 and 0.33 µFal CEXTA. The internal power supplies can be disabled as
described in the next paragraph.
The user should be careful when the GPIO pins are required to supply high-load currents. If
the application requires that the GPIO supply currents beyond the capability of the on-chip
power supply, the AT43USB351M should be supplied by an external 3.3V power supply. In
this case, the 5V V
CC power supply pin should be left unconnected and the external 3.3V
power supplied to the chip through the CEXT1, CEXT2 and CEXTA pins.
I/O Pin
Characteristics
The I/O pins of the AT43USB351M should not be directly connected to voltages less than V
SS
or more than the voltage at the voltage regulator pins. If it is necessary to violate this rule,
insert a series resistor between the I/O pin and the source of the external signal source that
limits the current into the I/O pin to less than 2 mA. Under no circumstance should the external
voltage exceed 5.5V. To do so will put the chip under excessive stress.
Oscillator and PLL
All clock signals required to operate the AT43USB351M are derived from an on-chip oscillator
and a 6 MHz crystal or resonator (low-speed only). In full-speed mode, an on-chip PLL gener-
ates the high frequency for the clock/data separator of the Serial Interface Engine. In the
suspended state, the oscillator circuitry is turned off. In low-speed mode, the PLL is disabled.
The oscillator of the AT43USB351M is a special, low-drive type, designed to work with most
crystals without any external components. The crystal must be of the parallel resonance type
requiring a load capacitance of about 10 pF. If the crystal requires a higher value capacitance,
external capacitors can be added to the two terminals of the crystal and ground to meet the
required value. To assure quick start-up, a crystal with a high Q, or low ESR, should be used.
If the AT43USB351M is to operate in full-speed USB mode, the crystal should have an accu-
racy and stability of better than 100 PPM. The use of a ceramic resonator in place of the
crystal is not recommended for full-speed USB, because a resonator would not have the nec-
essary frequency accuracy and stability.
The clock can also be externally sourced. In this case, connect the clock source to the XTAL1
pin, while leaving XTAL2 pin floating. The switching level at the OSC1 pin can be as low as
0.47V and a CMOS device is required to drive this pin to maintain good noise margins at the
low switching level.
For proper operation of the PLL, an external RC filter consisting of a series RC network of
100
Ω and 0.1 µF in parallel with a 0.01 µF capacitor must be connected from the LFT pin to
V
SS. Use only high-quality ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com