Electronic Components Datasheet Search
  English  ▼

X  

AT43USB351M Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT43USB351M Datasheet HTML 24Page - ATMEL Corporation AT43USB351M Datasheet HTML 25Page - ATMEL Corporation AT43USB351M Datasheet HTML 26Page - ATMEL Corporation AT43USB351M Datasheet HTML 27Page - ATMEL Corporation AT43USB351M Datasheet HTML 28Page - ATMEL Corporation AT43USB351M Datasheet HTML 29Page - ATMEL Corporation AT43USB351M Datasheet HTML 30Page - ATMEL Corporation AT43USB351M Datasheet HTML 31Page - ATMEL Corporation AT43USB351M Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
28
AT43USB351M
3302E–USB–7/04
External Interrupts
The external interrupts are triggered by the INT0/INT1 pins. Observe that, if enabled, the
INT0/INT1 interrupts will trigger even if the INT0/INT1 pins are configured as outputs. This fea-
ture provides a way of generating a software interrupt. The external interrupts can be triggered
by a falling or rising edge or a low level. This is set up as indicated in the specification for the
MCU Control Register (MCUCR) and the Interrupt Sense Control Register (ISCR). When
INT0/INT1 is enabled and is configured as level triggered, the interrupt will trigger as long as
the pin is held low. INT0/INT1 is set up as described in the specification for the MCU Control
Register (MCUCR).
Interrupt
Response Time
The interrupt execution response for all the enabled AVR interrupts is 4 clock cycles minimum.
4 clock cycles after the interrupt flag has been set, the program vector address for the actual
interrupt handling routine is executed. During this 4 clock cycle period, the Program Counter (2
bytes) is pushed onto the Stack, and the Stack Pointer is decremented by 2. The vector is nor-
mally a jump to the interrupt routine, and this jump takes 3 clock cycles. If an interrupt occurs
during execution of a multi-cycle instruction, this instruction is completed before the interrupt is
served.
A return from an interrupt handling routine (same as for a subroutine call routine) takes 4 clock
cycles. During these 4 clock cycles, the Program Counter (2 bytes) is popped back from the
Stack, the Stack Pointer is incremented by 2, and the I flag in SREG is set. When the AVR
exits from an interrupt, it will always return to the main program and execute one more instruc-
tion before any pending interrupt is served.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com