Electronic Components Datasheet Search
  English  ▼

X  

AT43USB351M Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43USB351M Datasheet HTML 1Page - ATMEL Corporation AT43USB351M Datasheet HTML 2Page - ATMEL Corporation AT43USB351M Datasheet HTML 3Page - ATMEL Corporation AT43USB351M Datasheet HTML 4Page - ATMEL Corporation AT43USB351M Datasheet HTML 5Page - ATMEL Corporation AT43USB351M Datasheet HTML 6Page - ATMEL Corporation AT43USB351M Datasheet HTML 7Page - ATMEL Corporation AT43USB351M Datasheet HTML 8Page - ATMEL Corporation AT43USB351M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
4
AT43USB351M
3302E–USB–7/04
Signal Description
Name
Type
Function
V
CC1, 2
Power Supply/Ground
5V Digital Power Supply
VCCA
Power Supply/Ground
5V Power Supply for the ADC
VSS1, 2
Power Supply/Ground
Digital Ground
V
SSA
Power Supply/Ground
Ground for the ADC
CEXT1, 2
Power Supply/Ground
External Capacitors for Power Supplies – High quality 2.2 µF capacitors must be
connected to CEXT1 and CEXT2 for proper operation of the chip.
CEXTA
Power Supply/Ground
External Capacitor for Analog Power Supply – A high quality 0.33 µF capacitor
must be connected to CEXTA for proper operation of the chip.
XTAL1
Input
Oscillator Input – Input to the inverting oscillator amplifier.
XTAL2
Output
Oscillator Output – Output of the inverting oscillator amplifier.
LFT
Input
PLL Filter – For proper operation of the PLL, this pin should be connected through
a 0.01 µF capacitor in parallel with a 100
Ω resistor in series with a 0.1 µF capacitor
to ground (VSS). Both capacitors must be high quality ceramic.
DPO
Bi-directional
Upstream Plus USB I/O – This pin should be connected to CEXT1 through an
external 1.5 k
Ω.
DMO
Bi-directional
Upstream Minus USB I/O
PA[0:7]
Bi-directional
Port A[0:7] – Bi-directional 8-bit I/O port with 2 mA drive strength and a
programmable pull-up resistor.
PB[4:7]
Bi-directional
Port B[4:7] – Bi-directional 8-bit I/O port with 2 mA drive strength and a
programmable pull-up resistor. PB[4:7] have dual functions as shown below:
Port Pin
Alternate Function
PB4
SSN, SPI Slave Port Select or SCL, I2C Serial Bus Clock
PB5
MOSI, SPI Slave Port Select Input
PB6
MISO, SPI Master Data In, Slave Data Out
PB7
SCK, SPI Master Clock Out, Slave Clock In
PD[0:6]
Bi-directional
Port D[0:6] – Bi-directional I/O ports with 2 mA drive strength and a programmable
pull-up resistor. PortD[2:6] have dual functions as shown below:
Port Pin
Alternate Function
PD2
INT0, External Interrupt 0
PD3
INT1, External Interrupt 1
PD4
ICP, Timer/Counter, Input Capture
PD5
OC1A Timer/Counter1 Output Compare A
PD6
OC1B Timer/Counter1 Output Compare B
ADC[0:11]
Input
ADC Input[0:11] – 12-bit input pins for the ADC.
TEST
Input
Test Pin – This pin should be tied to ground.
RESETN
Input
Reset – Active Low.
2XN
Input
Clock Frequency Selector (Table 1 on page 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com