Electronic Components Datasheet Search
  English  ▼

X  

DA7281 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 36Page - Renesas Technology Corp DA7281 Datasheet HTML 37Page - Renesas Technology Corp DA7281 Datasheet HTML 38Page - Renesas Technology Corp DA7281 Datasheet HTML 39Page - Renesas Technology Corp DA7281 Datasheet HTML 40Page - Renesas Technology Corp DA7281 Datasheet HTML 41Page - Renesas Technology Corp DA7281 Datasheet HTML 42Page - Renesas Technology Corp DA7281 Datasheet HTML 43Page - Renesas Technology Corp DA7281 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
40 of 87
© 2022 Renesas Electronics
ACCELERATION_EN = 0 and RAPID_STOP_EN = 0. There are two ways to operate DA7281 during
wideband operation:
● In the limited frequency range of 25 Hz to 300 Hz:
○ No further settings are required in RTWM and ETWM modes if the frequency information is
already stored in the Waveform Memory frame data as described in Section 5.8.3. If the
Waveform Memory does not contain frequency information, then each sequence can be
played at a different frequency by setting LRA_PER_H and LRA_PER_L to the desired value
via the formulae in Section 5.6.2 before triggering playback using the method described in
Sections 5.6.5.4 and 5.6.5.5.
○ In the DRO and PWM modes, the frequency information can be updated via the LRA_PER_H
and LRA_PER_L using the formulae in Section 5.6.2 either before triggering playback of
each sequence, see Sections 5.6.5.2 and 5.6.5.3, or during the playback itself. As with
amplitude, the one half-period uncertainty on the output frequency update also applies.
● In the full range of 25 Hz to 1024 Hz, the same procedures apply for all modes, but the following
registers need to be set:
○ BEMF_SENSE_EN = 0
○ DELAY_H = 0
○ DELAY_SHIFT_L = 0
○ DELAY_FREEZE = 1
5.7.6
Custom Waveform Operation
With frequency tracking, Active Acceleration, and Rapid Stop disabled, and with the additional setup
for wideband operation described in Section 5.7.5, DA7281 can be configured to drive a custom
waveform to an LRA actuator. It is important to note that here the custom waveform denotes the
actual output during a single LRA resonant period and not the overall amplitude envelope during
drive events, which is controlled as previously described in Section 5.6.5. Amplitude and frequency
data can be streamed as usual in DRO, PWM, RTWM, or ETWM modes.
The waveform output during a single resonant period comprises of 16 distinct points, see Figure 18,
where points 0 to 4 are mirrored and repeated to create, by default, a sine wave (for example, point 3
and point 5, and point 2 and point 6 have the same amplitude).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com