Electronic Components Datasheet Search
  English  ▼

X  

DA7281 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 9Page - Renesas Technology Corp DA7281 Datasheet HTML 10Page - Renesas Technology Corp DA7281 Datasheet HTML 11Page - Renesas Technology Corp DA7281 Datasheet HTML 12Page - Renesas Technology Corp DA7281 Datasheet HTML 13Page - Renesas Technology Corp DA7281 Datasheet HTML 14Page - Renesas Technology Corp DA7281 Datasheet HTML 15Page - Renesas Technology Corp DA7281 Datasheet HTML 16Page - Renesas Technology Corp DA7281 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
13 of 87
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
fIN_PWM
PWM data input
frequency
10
250
kHz
RDS_ON
H-bridge drain to source
resistance when on
High side plus low side
FETs
2
Ω
ZFLT_UZ
Actuator under-
impedance threshold
Not applicable for coin
ERM
4
Ω
ZFTL_OZ
Over-impedance
threshold
Not applicable for coin
ERM
50
Ω
ZOUT_OFF
Output impedance when
H-bridge not switching
Pull-down enabled
15
kΩ
VDD_POR_FALL
VDD Power-on-Reset
(PoR) falling threshold
2.4
2.55
2.7
V
Note 1
For operation up to 500 mA (instead of 250 mA), see Section 5.7.12.
Note 2
For operation outside this range, see Section 5.7.1.
4.4
Timing Characteristics
Unless otherwise noted, the parameters listed in Table 8 are valid for TA
= 25 ºC, VDD = 3.8 V, and
VDDIO = 1.8 V.
Table 8: Timing Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
tON
Cold boot to IDLE state time
VDD present and PoR released
1.2
1.5
ms
tOUT_IDLE
Time to output from IDLE
state
From GPI or I2C trigger to output
drive
0.75
ms
tOUT_STANDBY
Time to output from
STANDBY state
From GPI or I2C trigger to output
drive
0.15
ms
STOP
SDA
SCL
tFALL
tRISE
tFALL
START
tHOLD_START
tHOLD_DATA
1/fSCL
70%
30%
70%
30%
tSETUP_DATA
tLO_SCL
tHI_SCL
tDATA
ACK
tDATA_ACK
tSETUP_STOP
tSETUP_START
Figure 4: I2C Interface Timing
Table 9: I2C Interface Timing Requirements
Parameter
Description
Conditions
Min
Max
Unit
tBUF
Bus free time from STOP to START
condition
0.5
µs
Standard, Fast, and Fast-Plus Modes
CBUS
Bus line capacitive load
520
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com