Electronic Components Datasheet Search
  English  ▼

X  

DA7281 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 65Page - Renesas Technology Corp DA7281 Datasheet HTML 66Page - Renesas Technology Corp DA7281 Datasheet HTML 67Page - Renesas Technology Corp DA7281 Datasheet HTML 68Page - Renesas Technology Corp DA7281 Datasheet HTML 69Page - Renesas Technology Corp DA7281 Datasheet HTML 70Page - Renesas Technology Corp DA7281 Datasheet HTML 71Page - Renesas Technology Corp DA7281 Datasheet HTML 72Page - Renesas Technology Corp DA7281 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
69 of 87
© 2022 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
������2������_������������������������������������_������[7: 0]
=
������2������_������������������������������������[15: 0] − ������2������_������������������������������������_������[7: 0]
256
������2������_������������������������������������_������[7: 0]
= ������2������_������������������������������������[15: 0]
− 256 × ������2������_������������������������������������_������[7: 0]
Where V2I_FACTOR[15:0] is the 16-bit concatenation of
V2I_FACTOR_H[7:0] and V2I_FACTOR_L[7:0], Z is the
impedance of the actuator in
Ω (as read from its datasheet), and
IMAX[4:0] is the 5-bit value of IMAX, see Section 5.6.2.
Table 36: CALIB_IMP_H (0x0011)
Bit
Mode
Symbol
Description
Reset
[7:0]
RO
IMPEDANCE_H
MS-bits of calculated impedance (
default 22 Ω), see
Section 5.7.3.
������������������������������������������������������ (Ω) = 4 × 62.5 × 10−3 × ������������������������������������������������������_������
+ 62.5 × 10−3 × ������������������������������������������������������_������
0x00
Table 37: CALIB_IMP_L (0x0012)
Bit
Mode
Symbol
Description
Reset
[1:0]
RO
IMPEDANCE_L
LS-bits of calculated impedance (
default 22 Ω), see
Section 5.7.3.
������������������������������������������������������ (Ω) = 4 × 62.5 × 10−3 × ������������������������������������������������������_������
+ 62.5 × 10−3 × ������������������������������������������������������_������
0x0
Table 38: TOP_CFG1 (0x0013)
Bit
Mode
Symbol
Description
Reset
[7]
RW
EMBEDDED_M
ODE
Embedded operation enable (self-clearing IRQs), see
Section 5.7.7.
0x0 = Faults cleared by host
0x1 = DA7281 clears faults automatically
0x0
[5]
RW
ACTUATOR_TY
PE
Specifies actuator type: LRA or ERM, see Section 5.6.2.
0x0 = LRA
0x1 = ERM
0x0
[4]
RW
BEMF_SENSE_
EN
Enable internal loop computations; should be disabled only in
custom waveform and wideband operation, see Sections 5.7.5
and 5.7.6.
0x0 = Custom Waveform Operation
0x1 = Standard Operation
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com