Electronic Components Datasheet Search
  English  ▼

X  

DA7281 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7281 Datasheet HTML 61Page - Renesas Technology Corp DA7281 Datasheet HTML 62Page - Renesas Technology Corp DA7281 Datasheet HTML 63Page - Renesas Technology Corp DA7281 Datasheet HTML 64Page - Renesas Technology Corp DA7281 Datasheet HTML 65Page - Renesas Technology Corp DA7281 Datasheet HTML 66Page - Renesas Technology Corp DA7281 Datasheet HTML 67Page - Renesas Technology Corp DA7281 Datasheet HTML 68Page - Renesas Technology Corp DA7281 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
65 of 87
© 2022 Renesas Electronics
Bit
Mode
Symbol
Description
Reset
[1]
RW
E_UVLO
Under-voltage fault, supply below the UVLO threshold
Clear to attempt restart
(write 1 to clear)
0x0
[0]
RW
E_SEQ_CONTINUE
IRQ indicating that playback of a new sequence has
occurred because SEQ_CONTINUE is set to 1
(write 1 to clear)
0x0
Table 23: IRQ_EVENT_WARNING_DIAG (0x0004)
Bit
Mode
Symbol
Description
Reset
[7]
RW
E_LIM_DRIVE
IRQ indicating that playback is limited because the power
supply level is lower than the sequence target
(write 1 to E_WARNING to clear)
0x0
[6]
RW
E_LIM_DRIVE_ACC
IRQ indicating that acceleration is limited because the
power supply level is lower than required for the
acceleration target
(write 1 to E_WARNING to clear)
0x0
[4]
RW
E_MEM_TYPE
Indicates that the memory data type configured in register
MEM_DATA_SIGNED does not match the acceleration
configuration (ACCELERATION_EN).
MEM_DATA_SIGNED = 1 for ACCELERATION_EN = 0
MEM_DATA_SIGNED = 0 for ACCELERATION_EN = 1
(write 1 to E_WARNING to clear)
0x0
[3]
RW
E_OVERTEMP_WARN
Over-temperature warning, chip temperature has exceeded
the warning limit of 105 °C
(write 1 to E_WARNING to clear)
0x0
Table 24: IRQ_EVENT_SEQ_DIAG (0x0005)
Bit
Mode
Symbol
Description
Reset
[7]
RW
E_SEQ_ID_FAULT
IRQ indicating that requested sequence ID configured in
PS_SEQ_ID is not valid
(write 1 to E_SEQ_FAULTto clear)
0x0
[6]
RW
E_MEM_FAULT
Indicates that the Waveform Memory is corrupted (empty,
invalid snippet ID, invalid frame structure)
(write 1 to E_SEQ_FAULTto clear)
0x0
[5]
RW
E_PWM_FAULT
IRQ indicating that the PWM input signal has timed out
(write 1 to E_SEQ_FAULTto clear)
0x0
Table 25: IRQ_STATUS1 (0x0006)
Bit
Mode
Symbol
Description
Reset
[7]
RO
STA_OC
Over-current / short circuit fault status
0x0
[6]
RO
STA_ACTUATOR
Actuator fault status
0x0
[5]
RO
STA_WARNING
System warnings status
0x0
[4]
RO
STA_PAT_FAULT
Sequence faults status
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com