Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 36Page - Renesas Technology Corp DA7282 Datasheet HTML 37Page - Renesas Technology Corp DA7282 Datasheet HTML 38Page - Renesas Technology Corp DA7282 Datasheet HTML 39Page - Renesas Technology Corp DA7282 Datasheet HTML 40Page - Renesas Technology Corp DA7282 Datasheet HTML 41Page - Renesas Technology Corp DA7282 Datasheet HTML 42Page - Renesas Technology Corp DA7282 Datasheet HTML 43Page - Renesas Technology Corp DA7282 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
40 of 87
© 2022 Renesas Electronics
crosses the point of no acceleration. Since drive updates happen only at the zero cross point, this
introduces latency that may cause the actuator to overshoot the stop position. Due to this, the Rapid
Stop will also trigger at a pre-determined threshold set by RAPID_STOP_LIM. The default setup
covers most actuators, but if Rapid Stop is too short (actuator not fully stopped), the register value
should be decreased; and if Rapid Stop overshoots (actuator stopped and then reversed), the
register value should be increased.
Note: The Rapid Stop algorithm can be triggered only for sequences longer than three half-periods.
5.7.3
Initial Impedance Update
DA7282 performs an impedance measurement at the very first half-period of drive at the start of
playback. This allows a one-shot update of V2I_FACTOR_H/L to take into account specific actuator
variation for increased voltage accuracy of the drive. The result is reported to IMPEDANCE_H/L,
which can be read by the host and converted to impedance using the following formula:
������������������������������������������������ ������������������������������������������������������(������������������������������������������) = (������������������������������������������������������_������ × 4 + ������������������������������������������������������_������) × 0.0625Ω
(12)
To disable this feature, set V2I_FACTOR_FREEZE and CALIB_IMPEDANCE_DIS = 1.
5.7.4
Amplitude PID
Some cylinder based ERMs generate excessively large-amplitude BEMF voltages. DA7282 can
compensate for this by reducing the drive current level, set AMP_PID_EN = 1. The result is an
improved haptic response. Figure 17 describes how the actuator voltage and current differs when
AMP_PID_EN enabled or disabled.
Time [s]
VOUT
IOUT
AMP_PID_EN = 0
Time [s]
BEMF Voltage
Time [s]
VOUT
IOUT
AMP_PID_EN = 1
Time [s]
IOUT drops automatically to compensate
BEMF and keep VOUT constant
Figure 17: Output Voltage and Current for Different AMP_PID_EN Values
Note: This is not usually required for LRAs as the amplitude of the BEMF is typically very low.
5.7.5
Wideband Operation
DA7282 natively supports wideband LRAs and allows continuous frequency updates to the output
signal while driving. Amplitude and frequency data use parallel data paths, for configuration see
Section 5.6.5. This section describes how to use the frequency component only.
For wideband operation, frequency tracking must be disabled, by setting FREQ_TRACK_EN = 0,
because drive at frequencies different from the actuator resonant frequency is required. Rapid Stop
and Active Acceleration also rely on frequency tracking so must be deactivated by setting
ACCELERATION_EN = 0 and RAPID_STOP_EN = 0. There are two ways to operate DA7282 during
wideband operation:
● In the limited frequency range of 25 Hz to 300 Hz:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com