Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 61Page - Renesas Technology Corp DA7282 Datasheet HTML 62Page - Renesas Technology Corp DA7282 Datasheet HTML 63Page - Renesas Technology Corp DA7282 Datasheet HTML 64Page - Renesas Technology Corp DA7282 Datasheet HTML 65Page - Renesas Technology Corp DA7282 Datasheet HTML 66Page - Renesas Technology Corp DA7282 Datasheet HTML 67Page - Renesas Technology Corp DA7282 Datasheet HTML 68Page - Renesas Technology Corp DA7282 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
65 of 87
© 2022 Renesas Electronics
Addr
Register
7
6
5
4
3
2
1
0
Reset
0x62
TRIM6
Reserved
Reserved
Reserved
Reserved
HBRIDGE_ERC_LS_T
RIM<1:0>
HBRIDGE_ERC_HS_
TRIM<1:0>
0x5F
0x6E
TOP_CFG5
Reserved
Reserved
Reserved
Reserved
Reserve
d
DELAY_
BYPASS
FRQ_PA
USE_ON
_POLARI
TY_CHA
NGE
V2I_FAC
TOR_OF
FSET_E
N
0x01
0x81
IRQ_EVENT
_ACTUATOR
_FAULT
Reserved
E_TEST_
ADC_SA
T_FAULT
Reserved
Reserved
Reserve
d
Reserved
Reserved
Reserve
d
0x00
0x82
IRQ_STATU
S2
STA_
ADC_SA
T
Reserved
Reserved
Reserved
Reserve
d
Reserved
Reserved
Reserve
d
0x00
0x83
IRQ_MASK2
ADC_SA
T_M
Reserved
Reserved
Reserved
Reserve
d
Reserved
Reserved
Reserve
d
0x00
0x84
to
0xE7
SNP_MEM_x
SNP_MEM_x<7:0> where x = 0 to 99
0x00
6.2
Register Descriptions
Table 21: CHIP_REV (0x0000)
Bit
Mode
Symbol
Description
Reset
[7:4]
RO
CHIP_REV_MINOR
Device revision code ( minor )
0xD
[3:0]
RO
CHIP_REV_MAJOR
Device revision code ( major )
0xA
Table 22: IRQ_EVENT1 (0x0003)
Bit
Mode
Symbol
Description
Reset
[7]
RW
E_OC_FAULT
Over-current / short-circuit fault on the OUTP or OUTN pin
(write 1 to clear)
0x0
[6]
RW
E_ACTUATOR_FAULT
Actuator fault, see Section 5.6.6
(write 1 to clear)
0x0
[5]
RW
E_WARNING
System warnings
Read IRQ_EVENT_WARNING_DIAG for warning
diagnostic
(write 1 to clear)
0x0
[4]
RW
E_SEQ_FAULT
Sequence faults: SEQ_ID_FAULT, memory fault or PWM
fault
Read IRQ_EVENT_SEQ_DIAG for diagnostic information
(write 1 to clear)
0x0
[3]
RW
E_OVERTEMP_CRIT
Critical chip temperature event, chip temperature has
exceeded the critical
limit of 125 °C
(write 1 to clear)
0x0
[2]
RW
E_SEQ_DONE
IRQ indicating that sequence playback from waveform
memory is complete
(write 1 to clear)
0x0
[1]
RW
E_UVLO
Under-voltage fault, supply below the UVLO threshold
Clear to attempt restart
(write 1 to clear)
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com