Electronic Components Datasheet Search
  English  ▼

X  

ADC0820 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 5 Page - NXP Semiconductors

  ADC0820 Datasheet HTML 1Page - NXP Semiconductors ADC0820 Datasheet HTML 2Page - NXP Semiconductors ADC0820 Datasheet HTML 3Page - NXP Semiconductors ADC0820 Datasheet HTML 4Page - NXP Semiconductors ADC0820 Datasheet HTML 5Page - NXP Semiconductors ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
572
AC ELECTRICAL CHARACTERISTICS
VDD = 5V, tR = tF = 20ns, VREF(+) = 5V, VREF(-) = 0V, and TA = 25°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS4
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ3
Max
UNIT
tCRD
Conversion time for RD mode
Mode=0, Figure 1
1.6
2.5
µs
tACCO
Access time (delay from falling edge of
RD to output valid)
Mode=0, Figure 1
tCRD+20
tCRD+50
ns
tCWR-RD
Conversion time for WR-RD mode
Mode=VDD, tWR=600ns, tRD=600ns;
Figures 3a and 3b
1.52
µs
tWR
Write time
Min
Mode=VDD, Figures 3a and 3b2
600
ns
tWR
Write time
Max
Mode=VDD, Figures 3a and 3b2
50
µs
tRD
Read time
Min
Mode=VDD, Figures 3a and 3b2
600
ns
tACC1
Access time (delay from falling edge of
RD t o output valid)
Mode=VDD, tRD<tI;
Figure 3b, CL=15pF
190
280
ns
tACC1
RD t o output valid)
CL=100pF
210
320
ns
tACC2
Access time (delay from falling edge of
RD t o output valid)
Mode=VDD, tRD>tI;
Figure 3a, CL=15pF
70
120
ns
CL=100pF
90
150
ns
tI
Internal comparison time
Mode=VDD;
Figures 2 and 3a, CL=50pF
800
1300
ns
t1H, t0H
Three-state control (delay from rising
edge of RD to Hi-Z state)
RL=1kΩ, CL=10pF
100
200
ns
tINTL
Delay from rising edge of WR to falling
edge of INT
Mode=VDD, CL=50pF
tRD>tI; Figure 3a
tRD<tI; Figure 3b
tRD+200
tI
tRD+290
ns
ns
tINTH
Delay from rising edge of RD to rising
edge of INT
Figures 1, 3a, and 3b,
CL=50pF
125
225
ns
tINTHWR
Delay from rising edge of WR to rising
edge of INT
Figure 2, CL=50pF
175
270
ns
tRDY
Delay from CS to RDY
Figure 1, CL=50pF, Mode=0
50
100
ns
tID
Delay from INT to output valid
Figure 2
20
50
ns
tRI
Delay from RD to INT
Mode=VDD, tRD<tI;
Figure 3b
200
290
ns
tP
Delay from end of conversion to next
conversion
Figures 1, 2, 3a, and 3b2
500
ns
SR
Slew rate, tracking
0.1
V/
µs
CVIN
Analog input capacitance
45
pF
COUT
Logic output capacitance
5
pF
CIN
Logic input capacitance
5
pF
NOTES:
1. Unadjusted error includes offset, full-scale, and linearity errors.
2. Accuracy may degrade if tWR or tRD is shorter than the minimum value specified.
3. Typical values are at 25
°C and represent most likely parametric norm.
4. Guaranteed but not 100% production tested. These limits are not used to calculate outgoing quality levels.
5. VREF and VIN must be applied after VCC has been turned on to prevent possibility of latching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com