Electronic Components Datasheet Search
  English  ▼

X  

ADC0820 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors ADC0820 Datasheet HTML 10Page - NXP Semiconductors ADC0820 Datasheet HTML 11Page - NXP Semiconductors ADC0820 Datasheet HTML 12Page - NXP Semiconductors ADC0820 Datasheet HTML 13Page - NXP Semiconductors ADC0820 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
578
•
MS COMPARATORS ZERO
TO REFERENCE LADDER.
•
LS COMPARATORS FLOAT
•
MS COMPARATORS COMPARE
VIN TO THEIR REFERENCE
LADDER TAP. THE COMPARATOR
VIN • VLADDER TAP.
•
LS COMPARATORS ZERO TO VIN
THE COMPARATOR’S INPUT
CAPACTORS TRACK VIN.
•
MS COMPARATORS OUT–
PUTS ARE LATCHED. THE
MS DAC IS SET. THE MS
COMPARATOR FLOATS.
•
LS COMPARATORS COM–
PARE LSB SECTION OF REF–
ERENCE LADDER
•
LS COMPARATORS OUTPUTS
ARE LATCHED AND
CAN BE READ
•
MS COMPARATORS RE
TURN TO ZERO MODE.
WR
600ns
Figure 8. Operating Sequence (WR-RD Mode)
a. External Reference 2.5V Full-Scale
b. Power Supply as Reference
c. Input not Referred to GND
IN+
GND
REF (+)
REF(–)
VIN(+)
VIN(–)
1.2k
5V
2.5V
IN+
GND
REF (+)
REF(–)
VIN(+)
VIN(–)
5V
IN+
GND
REF (+)
REF(–)
VIN(+)
VIN(–)
1.2k
5V
2.5V
• CURRENT PATH MUST
STILL EXIST FROM
VIN(–) TO GROUND
Figure 9. Analog Input Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com