| Electronic Components Datasheet Search |
|
ADC0820 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ADC0820 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 14 page ![]() Philips Semiconductors Linear Products Product specification ADC0820 8-Bit, high-speed, µP-compatible A/D converter with track/hold function August 31, 1994 576 To start a conversion in the WR-RD mode, the WR line is brought Low. At this instant the MS comparators go from zeroing to comparison mode (Figure 8). When WR is returned High after at least 600ns, the output from the first set of comparators (the first flash) is decoded and latched. At this point the two 4-bit converters change modes and the LS (least significant) flash ADC enters its compare cycle. No less than 600ns later, the RD line may be pulled Low to latch the lower four data bits and finish the 8-bit conversion. When RD goes Low, the flash A/Ds change state once again in preparation for the next conversion. Figure 8 also outlines how the converter’s interface timing relates to its analog input (VIN). In WR-RD mode, VIN is measured while WR is Low. In RD mode, sampling occurs during the first 800ns of RD. Because of the input connections to the ADC0820’s LS and MS comparators, the converter has the ability to sample VIN at one instant, despite the fact that two separate 4-bit conversions are being done. More specifically, when WR is Low the MS flash is in compare mode (connected to VIN, and the LS flash is in zero mode (also connected to VIN). Therefore both flash ADCs sample VIN at the same time. Digital Interface The ADC0820 has two basic interface modes which are selected by strapping the Mode pin High or Low. RD Mode (Figure 6a) With the Mode pin grounded, the converter is set to Read mode. In this configuration, a complete conversion is done by pulling RD Low until output data appears. An INT line is provided which goes Low at the end of the conversion as well as a RDY output which can be used to signal a processor that the converter is busy or can also serve as a system Transfer Acknowledge signal. When in RD mode, the comparator phases are internally triggered. At the falling edge of RD, the MS flash converter goes from zero to compare mode and the LS ADC’s comparators enter their zero cycle. After 800ns, data from the MS flash is latched and the LS flash ADC enters compare mode. Following another 800ns, the lower four bits are recovered. WR Then RD Mode (Figures 6b and c) With the Mode pin tied High, the A/D will be set up for the WR-RD mode. Here, a conversion is started with the WR input; however, there are two options for reading the output data which relate to interface timing. If an interrupt-driven scheme is desired, the user can wait for INT to go Low DB0–DB7 DB0–DB7 a. RD Mode (Pin 7 is Low) b. WR-RD Mode (Pin 7 is High and tRD < tI) c. WR-RD Mode (Pin 7 is High and tRD > tI) CS RD INT RDY CS WR RB INT DB0–DB7 INT CS WR RB Figure 6. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |