Electronic Components Datasheet Search
  English  ▼

X  

ADC0820 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors ADC0820 Datasheet HTML 10Page - NXP Semiconductors ADC0820 Datasheet HTML 11Page - NXP Semiconductors ADC0820 Datasheet HTML 12Page - NXP Semiconductors ADC0820 Datasheet HTML 13Page - NXP Semiconductors ADC0820 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
577
before reading the conversion result. INT will typically go Low 800ns
after WR’s rising edge. However, if a shorter conversion time is
desired, the processor need not wait for INT and can exercise a
Read after only 600ns. If this is done, INT will immediately go Low
and data will appear at the outputs.
Stand-Alone (Figure 7)
For stand-alone operation in WR-RD mode, CS and RD can be tied
Low and a conversion can be started with WR. Data will be valid
approximately 800ns following WR’s rising edge.
Other Interface Considerations
In order to maintain conversion accuracy, WR has a maximum width
spec of 50
µs. When the MS flash ADC’s sampled data comparators
are in comparison mode (WR is Low), the input capacitors (C,
Figure 5) must hold their charge. Switch leakage can cause errors if
the comparator is left in this phase for too long.
Since the MS flash ADC enters its zeroing phase at the end of a
conversion, a new conversion cannot be started until this phase is
complete. The minimum spec for this time is 500ns (tP in Figures 1,
2, 3a, and 3b).
ANALOG CONSIDERATIONS
Reference and Input
The two VREF inputs of the ADC0820 are fully differential and define
the zero- to full-scale input range of the A/D converter. This allows
the designer to easily vary the span of the analog input since this
range will be equivalent to the voltage difference between VIN(+)
and VIN(-). By reducing VREF(VREF=VREF(+)
-VREF(-)) to less than 5V, the sensitivity of the converter can be
increased (i.e., if VREF=2V, then 1 LSB=7.8mV). The input/reference
arrangement also facilitates ratiometric operation and, in many
cases, the chip power supply can be used for transducer power as
well as the VREF source.
RD LOW
WR
CS LOW
INT
DB0–DB7
Figure 7. WR-RD Mode (Pin 7 is High)
Stand-Alone Operation
This reference flexibility lets the input span not only be varied, but
also offset from zero. The voltage at VREF(-) sets the input level
which produces a digital output of all zeroes. Though VIN is not itself
differential, the reference design affords nearly differential-input
capability for most measurement applications. Figure 9 shows some
of the configurations that are possible.
Input Current
Due to the unique conversion techniques employed by the
ADC0820, the analog input behaves somewhat differently than in
conventional devices. The A/D’s sampled data comparators take
varying amounts of input current depending on which cycle the
conversion is in.
The equivalent input circuit of the ADC0820 is shown in Figure 10a.
When a conversion starts (WR Low, WR-RD mode), all input
switches close, connecting VIN to 31 1pF capacitors. Although the
two 4-bit flash circuits are not both in their compare cycle at the
same time, VIN still sees all input capacitors at once. This is
because the MS flash converter is connected to the input during its
compare interval and the LS flash is connected to the input during its
zeroing phase. In other words, the LS ADC uses VIN as its
zero-phase input.
The input capacitors must charge to the input voltage through the on
resistance of the analog switches (about 5k
Ω to 10kΩ). In addition,
about 12pF of input stray capacitance must also be charged. For
large source resistances, the analog input can be modeled as an
RC network as shown in Figure 10b. As RS increases, it will take
longer for the input capacitance to charge.
In RD mode, the input switches are closed for approximately 800ns
at the start of the conversion. In WR-RD mode, the time that the
switches are closed to allow this charging is the time that WR is
Low. Since other factors force this time to be at least 600ns, input
time constants of 100ns can be accommodated without special
consideration. Typical total input capacitance values of 45pF allow
RS to be 1.5kΩ without lengthening WR to give VIN more time to
settle.
Input Filtering
It should be made clear that transients in the analog input signal,
caused by charging current flowing into VIN, will not degrade the
A/D’s performance in most cases. In effect, the ADC0820 does not
“look” at the input when these transients occur. The comparators’
outputs are not latched while WR is Low, so at least 600ns will be
provided to charge the ADC’s input capacitance. It is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com