Electronic Components Datasheet Search
  English  ▼

X  

AD7142 Datasheet(PDF) 50 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD7142 Datasheet HTML 46Page - Analog Devices AD7142 Datasheet HTML 47Page - Analog Devices AD7142 Datasheet HTML 48Page - Analog Devices AD7142 Datasheet HTML 49Page - Analog Devices AD7142 Datasheet HTML 50Page - Analog Devices AD7142 Datasheet HTML 51Page - Analog Devices AD7142 Datasheet HTML 52Page - Analog Devices AD7142 Datasheet HTML 53Page - Analog Devices AD7142 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
AD7142
Rev. 0 | Page 50 of 68
Table 39. STAGE6 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0B0
[15:0]
X
R/W
STAGE6_CONNECTION[6:0]
STAGE6 CIN(6:0) connection setup (see Table 45)
0x0B1
[15:0]
X
R/W
STAGE6_CONNECTION[13:7]
STAGE6 CIN(13:7) connection setup (see Table 46)
0x0B2
[15:0]
X
R/W
STAGE6_AFE_OFFSET
STAGE6 AFE offset control (see Table 47)
0x0B3
[15:0]
X
R/W
STAGE6_SENSITIVITY
STAGE6 sensitivity control (see Table 48)
0x0B4
[15:0]
X
R/W
STAGE6_OFFSET_LOW
STAGE6 initial offset low value
0x0B5
[15:0]
X
R/W
STAGE6_OFFSET_HIGH
STAGE6 initial offset high value
0x0B6
[15:0]
X
R/W
STAGE6_OFFSET_HIGH_CLAMP
STAGE6 offset high clamp value
0x0B7
[15:0]
X
R/W
STAGE6_OFFSET_LOW_CLAMP
STAGE6 offset low clamp value
Table 40. STAGE7 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0B8
[15:0]
X
R/W
STAGE7_CONNECTION[6:0]
STAGE7 CIN(6:0) connection setup (see Table 45)
0x0B9
[15:0]
X
R/W
STAGE7_CONNECTION[13:7]
STAGE7 CIN(13:7) connection setup (see Table 46)
0x0BA
[15:0]
X
R/W
STAGE7_AFE_OFFSET
STAGE7 AFE offset control (see Table 47)
0x0BB
[15:0]
X
R/W
STAGE7_SENSITIVITY
STAGE7 sensitivity control (see Table 48)
0x0BC
[15:0]
X
R/W
STAGE7_OFFSET_LOW
STAGE7 initial offset low value
0x0BD
[15:0]
X
R/W
STAGE7_OFFSET_HIGH
STAGE7 initial offset high value
0x0BE
[15:0]
X
R/W
STAGE7_OFFSET_HIGH_CLAMP
STAGE7 offset high clamp value
0x0BF
[15:0]
X
R/W
STAGE7_OFFSET_LOW_CLAMP
STAGE7 offset low clamp value
Table 41. STAGE8 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0C0
[15:0]
X
R/W
STAGE8_CONNECTION[6:0]
STAGE8 CIN(6:0) connection setup (see Table 45)
0x0C1
[15:0]
X
R/W
STAGE8_CONNECTION[13:7]
STAGE8 CIN(13:7) connection setup (see Table 46)
0x0C2
[15:0]
X
R/W
STAGE8_AFE_OFFSET
STAGE8 AFE offset control (see Table 47)
0x0C3
[15:0]
X
R/W
STAGE8_SENSITIVITY
STAGE8 sensitivity control (see Table 48)
0x0C4
[15:0]
X
R/W
STAGE8_OFFSET_LOW
STAGE8 initial offset low value
0x0C5
[15:0]
X
R/W
STAGE8_OFFSET_HIGH
STAGE8 initial offset high value
0x0C6
[15:0]
X
R/W
STAGE8_OFFSET_HIGH_CLAMP
STAGE8 offset high clamp value
0x0C7
[15:0]
X
R/W
STAGE8_OFFSET_LOW_CLAMP
STAGE8 offset low clamp value
Table 42. STAGE9 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0C8
[15:0]
X
R/W
STAGE9_CONNECTION[6:0]
STAGE9 CIN(6:0) connection setup (see Table 45)
0x0C9
[15:0]
X
R/W
STAGE9_CONNECTION[13:7]
STAGE9 CIN(13:7) connection setup (see Table 46)
0x0CA
[15:0]
X
R/W
STAGE9_AFE_OFFSET
STAGE9 AFE offset control (see Table 47)
0x0CB
[15:0]
X
R/W
STAGE9_SENSITIVITY
STAGE9 sensitivity control (see Table 48)
0x0CC
[15:0]
X
R/W
STAGE9_OFFSET_LOW
STAGE9 initial offset low value
0x0CD
[15:0]
X
R/W
STAGE9_OFFSET_HIGH
STAGE9 initial offset high value
0x0CE
[15:0]
X
R/W
STAGE9_OFFSET_HIGH_CLAMP
STAGE9 offset high clamp value
0x0CF
[15:0]
X
R/W
STAGE9_OFFSET_LOW_CLAMP
STAGE9 offset low clamp value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com