Electronic Components Datasheet Search
  English  ▼

X  

AD7142 Datasheet(PDF) 51 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD7142 Datasheet HTML 47Page - Analog Devices AD7142 Datasheet HTML 48Page - Analog Devices AD7142 Datasheet HTML 49Page - Analog Devices AD7142 Datasheet HTML 50Page - Analog Devices AD7142 Datasheet HTML 51Page - Analog Devices AD7142 Datasheet HTML 52Page - Analog Devices AD7142 Datasheet HTML 53Page - Analog Devices AD7142 Datasheet HTML 54Page - Analog Devices AD7142 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
AD7142
Rev. 0 | Page 51 of 68
Table 43. STAGE10 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0D0
[15:0]
X
R/W
STAGE10_CONNECTION[6:0]
STAGE10 CIN(6:0) connection setup (see Table 45)
0x0D1
[15:0]
X
R/W
STAGE10_CONNECTION[13:7]
STAGE10 CIN(13:7) connection setup (see Table 46)
0x0D2
[15:0]
X
R/W
STAGE10_AFE_OFFSET
STAGE10 AFE offset control (see Table 47)
0x0D3
[15:0]
X
R/W
STAGE10_SENSITIVITY
STAGE10 sensitivity control (see Table 48)
0x0D4
[15:0]
X
R/W
STAGE10_OFFSET_LOW
STAGE10 initial offset low value
0x0D5
[15:0]
X
R/W
STAGE10_OFFSET_HIGH
STAGE10 initial offset high value
0x0D6
[15:0]
X
R/W
STAGE10_OFFSET_HIGH_CLAMP
STAGE10 offset high clamp value
0x0D7
[15:0]
X
R/W
STAGE10_OFFSET_LOW_CLAMP
STAGE10 offset low clamp value
Table 44. STAGE11 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0D8
[15:0]
X
R/W
STAGE11_CONNECTION[6:0]
STAGE11 CIN(6:0) connection setup (see Table 45)
0x0D9
[15:0]
X
R/W
STAGE11_CONNECTION[13:7]
STAGE11 CIN(13:7) connection setup (see Table 46)
0x0DA
[15:0]
X
R/W
STAGE11_AFE_OFFSET
STAGE11 AFE offset control (see Table 47)
0x0DB
[15:0]
X
R/W
STAGE11_SENSITIVITY
STAGE11 sensitivity control (see Table 48)
0x0DC
[15:0]
X
R/W
STAGE11_OFFSET_LOW
STAGE11 initial offset low value
0x0DD
[15:0]
X
R/W
STAGE11_OFFSET_HIGH
STAGE11 initial offset high value
0x0DE
[15:0]
X
R/W
STAGE11_OFFSET_HIGH_CLAMP
STAGE11 offset high clamp value
0x0DF
[15:0]
X
R/W
STAGE11_OFFSET_LOW_CLAMP
STAGE11 offset low clamp value
Table 45. STAGEX Detailed CIN (0:6) Connection Setup Description (X = 0 to 11)
Data Bit
Default
Value
Type
Name
Description
[1:0]
X
R/W
CIN0_CONNECTION_SETUP
CIN0 connection setup
00 = CIN0 not connected to CDC inputs
01 = CIN0 connected to CDC negative input
10 = CIN0 connected to CDC positive input
11 = CIN0 connected to BIAS (connect unused CIN inputs)
[3:2]
X
R/W
CIN1_CONNECTION_SETUP
CIN1 connection setup
00 = CIN1 not connected to CDC inputs
01 = CIN1 connected to CDC negative input
10 = CIN1 connected to CDC positive input
11 = CIN1 connected to BIAS (connect unused CIN inputs)
[5:4]
X
R/W
CIN2_CONNECTION_SETUP
CIN2 connection setup
00 = CIN2 not connected to CDC inputs
01 = CIN2 connected to CDC negative input
10 = CIN2 connected to CDC positive input
11 = CIN2 connected to BIAS (connect unused CIN inputs)
[7:6]
X
R/W
CIN3_CONNECTION_SETUP
CIN3 connection setup
00 = CIN3 not connected to CDC inputs
01 = CIN3 connected to CDC negative input
10 = CIN3 connected to CDC positive input
11 = CIN3 connected to BIAS (connect unused CIN inputs)
[9:8]
X
R/W
CIN4_CONNECTION_SETUP
CIN4 connection setup
00 = CIN4 not connected to CDC inputs
01 = CIN4 connected to CDC negative input
10 = CIN4 connected to CDC positive input
11 = CIN4 connected to BIAS (connect unused CIN inputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com