Electronic Components Datasheet Search
  English  ▼

X  

HA5025IP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA5025IP
Description  Quad, 125MHz Video Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5025IP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA5025IP Datasheet HTML 1Page - Renesas Technology Corp HA5025IP Datasheet HTML 2Page - Renesas Technology Corp HA5025IP Datasheet HTML 3Page - Renesas Technology Corp HA5025IP Datasheet HTML 4Page - Renesas Technology Corp HA5025IP Datasheet HTML 5Page - Renesas Technology Corp HA5025IP Datasheet HTML 6Page - Renesas Technology Corp HA5025IP Datasheet HTML 7Page - Renesas Technology Corp HA5025IP Datasheet HTML 8Page - Renesas Technology Corp HA5025IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HA5025
FN3591 Rev 6.00
Page 4 of 15
May 2003
AC CHARACTERISTICS
(AV = +10, RF = 383)
Slew Rate
Note 6
B
25
350
475
-
V/
s
Full Power Bandwidth
Note 7
B
25
28
38
-
MHz
Rise Time
Note 8
B
25
-
8
-
ns
Fall Time
Note 8
B
25
-
9
-
ns
Propagation Delay
Note 8
B
25
-
9
-
ns
Overshoot
B25
-
1.8
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
65
-
MHz
Settling Time to 1%
2V Output Step
B
25
-
75
-
ns
Settling Time to 0.1%
2V Output Step
B
25
-
130
-
ns
VIDEO CHARACTERISTICS
Differential Gain (Note 10)
RL = 150
B
25
-
0.03
-
%
Differential Phase (Note 10)
RL = 150
B
25
-
0.03
-
Degrees
NOTES:
5. VCM = 2.5V. At -40oC Product is tested at VCM = 2.25V because Short Test Duration does not allow self heating.
6. VOUT switches from -2V to +2V, or from +2V to -2V. Specification is from the 25% to 75% points.
7.
.
8. RL = 100, VOUT = 1V. Measured from 10% to 90% points for rise/fall times; from 50% points of input and output for propagation delay.
9. A. Production Tested; B. Typical or Guaranteed Limit based on characterization; C. Design Typical for information only.
10. Measured with a VM700A video tester using an NTC-7 composite VITS.
11. VOUT = 2.5V. At -40oC Product is tested at VOUT = 2.25V because Short Test Duration does not allow self heating.
Electrical Specifications
VSUPPLY = 5V, RF = 1k, AV = +1, RL = 400 CL 10pF,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 9)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
FPBW
Slew Rate
2
VPEAK
-----------------------------;VPEAK 2V
==
Test Circuits and Waveforms
FIGURE 1. TEST CIRCUIT FOR TRANSIMPEDANCE MEASUREMENTS
FIGURE 2. SMALL SIGNAL PULSE RESPONSE CIRCUIT
FIGURE 3. LARGE SIGNAL PULSE RESPONSE CIRCUIT
+-
50
50
DUT
HP4195
NETWORK
ANALYZER
VIN
VOUT
RL
RF, 1k
100
50
+-
DUT
100
(NOTE 12)
VIN
VOUT
RL
RF, 681
400
50
+-
DUT
RI
681
100
(NOTE 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com