Electronic Components Datasheet Search
  English  ▼

X  

HA5025IP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA5025IP
Description  Quad, 125MHz Video Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5025IP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA5025IP Datasheet HTML 2Page - Renesas Technology Corp HA5025IP Datasheet HTML 3Page - Renesas Technology Corp HA5025IP Datasheet HTML 4Page - Renesas Technology Corp HA5025IP Datasheet HTML 5Page - Renesas Technology Corp HA5025IP Datasheet HTML 6Page - Renesas Technology Corp HA5025IP Datasheet HTML 7Page - Renesas Technology Corp HA5025IP Datasheet HTML 8Page - Renesas Technology Corp HA5025IP Datasheet HTML 9Page - Renesas Technology Corp HA5025IP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HA5025
FN3591 Rev 6.00
Page 6 of 15
May 2003
Application Information
Optimum Feedback Resistor
The plots of inverting and non-inverting frequency response, see
Figure 8 and Figure 9 in the typical performance section,
illustrate the performance of the HA5025 in various closed loop
gain configurations. Although the bandwidth dependency on
closed loop gain isn’t as severe as that of a voltage feedback
amplifier, there can be an appreciable decrease in bandwidth at
higher gains. This decrease may be minimized by taking
advantage of the current feedback amplifier’s unique
relationship between bandwidth and RF. All current feedback
amplifiers require a feedback resistor, even for unity gain
applications, and RF, in conjunction with the internal
compensation capacitor, sets the dominant pole of the
frequency response. Thus, the amplifier’s bandwidth is inversely
proportional to RF. The HA5025 design is optimized for a 1000
RF at a gain of +1. Decreasing RF in a unity gain application
decreases stability, resulting in excessive peaking and
overshoot. At higher gains the amplifier is more stable, so RF
can be decreased in a trade-off of stability for bandwidth.
The following table lists recommended RF values for various
gains, and the expected bandwidth.
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The use
of low inductance components such as chip resistors and chip
capacitors is strongly recommended. If leaded components are
used the leads must be kept short especially for the power
supply decoupling components and those components
connected to the inverting input.
Attention must be given to decoupling the power supplies. A
large value (10
F) tantalum or electrolytic capacitor in parallel
with a small value (0.1
F) chip capacitor works well in most
cases.
A ground plane is strongly recommended to control noise. Care
must also be taken to minimize the capacitance to ground seen
by the amplifier’s inverting input (-IN). The larger this
capacitance, the worse the gain peaking, resulting in pulse
overshoot and possible instability. It is recommended that the
ground plane be removed under traces connected to -IN, and
that connections to -IN be kept as short as possible to minimize
the capacitance from this node to ground.
Driving Capacitive Loads
Capacitive loads will degrade the amplifier’s phase margin
resulting in frequency response peaking and possible
oscillations. In most cases the oscillation can be avoided by
placing an isolation resistor (R) in series with the output as
shown in Figure 6.
The selection criteria for the isolation resistor is highly
dependent on the load, but 27
 has been determined to be a
good starting value.
Power Dissipation Considerations
Due to the high supply current inherent in quad amplifiers, care
must be taken to insure that the maximum junction temperature
(TJ, see Absolute Maximum Ratings) is not exceeded. Figure 7
shows the maximum ambient temperature versus supply
voltage for the available package styles (PDIP, SOIC). At VS =
5V quiescent operation both package styles may be operated
over the full industrial range of -40oC to 85oC. It is
recommended that thermal calculations, which take into account
output power, be performed by the designer.
GAIN
(ACL)RF ()
BANDWIDTH
(MHz)
-1
750
100
+1
1000
125
+2
681
95
+5
1000
52
+10
383
65
-10
750
22
VIN
VOUT
CL
RT
+-
RI
RF
R
FIGURE 6. PLACEMENT OF THE OUTPUT ISOLATION
RESISTOR, R
100
5
7
9
11
13
15
130
120
110
100
90
80
70
60
50
40
30
20
10
SUPPLY VOLTAGE (
V)
PDIP
SOIC
FIGURE 7. MAXIMUM OPERATING AMBIENT TEMPERATURE
vs SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com