Electronic Components Datasheet Search
  English  ▼

X  

HA5025IP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA5025IP
Description  Quad, 125MHz Video Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5025IP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA5025IP Datasheet HTML 1Page - Renesas Technology Corp HA5025IP Datasheet HTML 2Page - Renesas Technology Corp HA5025IP Datasheet HTML 3Page - Renesas Technology Corp HA5025IP Datasheet HTML 4Page - Renesas Technology Corp HA5025IP Datasheet HTML 5Page - Renesas Technology Corp HA5025IP Datasheet HTML 6Page - Renesas Technology Corp HA5025IP Datasheet HTML 7Page - Renesas Technology Corp HA5025IP Datasheet HTML 8Page - Renesas Technology Corp HA5025IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN3591 Rev 6.00
Page 1 of 15
May 2003
FN3591
Rev 6.00
May 2003
HA5025
Quad, 125MHz Video Current Feedback Amplifier
DATASHEET
The HA5025 is a wide bandwidth high slew rate quad
amplifier optimized for video applications and gains between
1 and 10. It is a current feedback amplifier and thus yields
less bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
cables, make this
amplifier ideal for demanding video applications.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor.
The performance of the HA5025 is very similar to the
popular Intersil HA-5020.
Pinout
HA5025 (PDIP, SOIC)
TOP VIEW
Features
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
s
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800
V
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
5V Supplies
Applications
•Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
• Video Switching and Routing
OUT1
-IN1
+IN1
V+
+IN2
-IN2
OUT2
OUT4
-IN4
+IN4
V-
+IN3
-IN3
OUT3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+
-
+
-
+
-
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG.#
HA5025IP
-40 to 85
14 Ld PDIP
E14.3
HA5025IB
-40 to 85
14 Ld SOIC
M14.15
HA5025EVAL
High Speed Op Amp DIP Evaluation Board
OBSOLETE PROD
UCT
POSSIBLE SUBS
TITUTE PRODUC
T
HA-5104, HFA140
5


Similar Part No. - HA5025IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5025IP INTERSIL-HA5025IP Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5025IP INTERSIL-HA5025IP Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results

Similar Description - HA5025IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com