Electronic Components Datasheet Search
  English  ▼

X  

HC5526 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5526 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HC5526 Datasheet HTML 6Page - Renesas Technology Corp HC5526 Datasheet HTML 7Page - Renesas Technology Corp HC5526 Datasheet HTML 8Page - Renesas Technology Corp HC5526 Datasheet HTML 9Page - Renesas Technology Corp HC5526 Datasheet HTML 10Page - Renesas Technology Corp HC5526 Datasheet HTML 11Page - Renesas Technology Corp HC5526 Datasheet HTML 12Page - Renesas Technology Corp HC5526 Datasheet HTML 13Page - Renesas Technology Corp HC5526 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HC5526
FN4151 Rev 8.00
Page 10 of 19
August 2003
For loop resistances that result in a tip to ring voltage less than the
saturation guard voltage the loop current is defined as:
where: IL = Constant loop current.
RDC1 and RDC2 = Loop current programming resistors.
Capacitor CDC between RDC1 and RDC2 removes the VF
signals from the battery feed control loop. The value of CDC is
determined by Equation 2:
where T = 30ms.
The minimum CDC value is obtained if RDC1 = RDC2.
Figure 14 illustrates the relationship between the tip to ring
voltage and the loop resistance. For a 0
 loop resistance both tip
and ring are at VBAT/2. As the loop resistance increases, so does
the voltage differential between tip and ring. When this differential
voltage becomes equal to the saturation guard voltage, the
operation of the SLIC’s loop feed changes from a constant current
feed to a resistive feed. The loop current in the resistive feed
region is no longer constant but varies as a function of the loop
resistance.
Figure 15 shows the relationship between the saturation guard
voltage, the loop current and the loop resistance. Notice from
Figure 15 that for a loop resistance <1.2k
 (RSG = 21.4k) the
SLIC is operating in the constant current feed region and for
resistances >1.2k
 the SLIC is operating in the resistive feed
region. Operation in the resistive feed region allows long loop and
off-hook transmission by keeping the tip and ring voltages off the
rails. Operation in this region is transparent to the customer.
The Saturation Guard circuit (Figure 13) monitors the tip to ring
voltage via the transconductance amplifier A1. A1 generates a
current that is proportional to the tip to ring voltage difference.
I1 is internally set to sink all of A1’s current until the tip to ring
voltage exceeds 12.5V. When the tip to ring voltage exceeds
12.5V (with no RSG resistor) A1 supplies more current than I1
can sink. When this happens A2 amplifies its input current by a
factor of 12 and the current through R1 becomes the difference
between I2 and the output current from A2. As the current from
A2 increases, the voltage across R1 decreases and the output
voltage on RDC decreases. This results in a corresponding
decrease in the loop current. The RSG pin provides the ability
to increase the saturation guard reference voltage beyond
12.5V. Equation 3 gives the relationship between the RSG
HC5526
VTX
RRX
RDC1
RDC2
CDC
RSN
RDC
IRSN
TIP
RING
-2.5V
IRING
ITIP
A2
ITIP
IRING
RSG
RSG
-5V
LOOP CURRENT
CIRCUIT
SATURATION GUARD
CIRCUIT
A1
I1
I2
R1
+
-
+
-
+
-
+
-
-5V
FIGURE 13. DC LOOP CURRENT
-5V
IL
2.5V
RDC1 RDC2
+
--------------------------------------
1000
=
(EQ. 1)
CDC
T
1
RDC1
---------------
1
RDC2
---------------
+


=
(EQ. 2)
01.2K
-50
-40
-30
-20
-10
0
VBAT = -48V, IL = 23mA, RSG = 21.4k
LOOP RESISTANCE (
)
VTIP
VRING
RESISTIVE FEED
REGION
CONSTANT CURRENT
FEED REGION
SATURATION
GUARD VOLTAGE
SATURATION
GUARD VOLTAGE
FIGURE 14. VTR vs RL
0
10
20
30
0
10
20
30
40
50
LOOP CURRENT (mA)
VBAT = -24V, RSG = 
VBAT = -48V, RSG = 21.4k
SATURATION GUARD
RESISTIVE FEED
REGION
CONSTANT CURRENT
FEED REGION
RRSG = 21.4k
100k
100k
4k
1.5k
2k
700
<400
<1.2k
RL
RL
RRSG = 
VOLTAGE, VTR = 38V
SATURATION GUARD
VOLTAGE, VTR = 13V
FIGURE 15. VTR vs IL and RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com