Electronic Components Datasheet Search
  English  ▼

X  

HC5526 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5526 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HC5526 Datasheet HTML 11Page - Renesas Technology Corp HC5526 Datasheet HTML 12Page - Renesas Technology Corp HC5526 Datasheet HTML 13Page - Renesas Technology Corp HC5526 Datasheet HTML 14Page - Renesas Technology Corp HC5526 Datasheet HTML 15Page - Renesas Technology Corp HC5526 Datasheet HTML 16Page - Renesas Technology Corp HC5526 Datasheet HTML 17Page - Renesas Technology Corp HC5526 Datasheet HTML 18Page - Renesas Technology Corp HC5526 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
HC5526
FN4151 Rev 8.00
Page 15 of 19
August 2003
Active State (C1 = 0, C2 = 1)
The tip output is capable of sourcing loop current and for open
circuit conditions is about -4V from ground. The ring output is
capable of sinking loop current and for open circuit conditions
is about VBAT +4V. VF signal transmission is normal. The loop
current and ground key detectors are both active, E0 and E1
determine which detector is gated to the DET output.
Ringing State (C1 = 1, C2 = 0)
The ring relay driver and the ring trip detector are activated.
Both the tip and ring line drive amplifiers are powered down.
Both tip and ring are disconnected from the line via the
external ring relay.
Standby State (C1 = 1, C2 = 1)
Both the tip and ring line drive amplifiers are powered down.
Internal resistors are connected between tip to ground and ring to
VBAT to allow loop current detect in an off-hook condition. The
loop current and ground key detectors are both active, E0 and E1
determine which detector is gated to the DET output.
AC Transmission Circuit Stability
To ensure stability of the AC transmission feedback loop two
compensation capacitors CTC and CRC are required.
Figure 21 (Application Circuit) illustrates their use.
Recommended value is 2200pF.
AC-DC Separation Capacitor, CHP
The high pass filter capacitor connected between pins HPT
and HPR provides the separation between circuits sensing tip
to ring DC conditions and circuits processing AC signals. A
10nf CHP will position the low end frequency response 3dB
break point at 48Hz. Where:
where RHP = 330k.
Thermal Shutdown Protection
The HC5526’s thermal shutdown protection is invoked if a fault
condition on the tip or ring causes the temperature of the die to
exceed 160oC. If this happens, the SLIC goes into a high
impedance state and will remain there until the temperature of
the die cools down by about 20oC. The SLIC will return back to
its normal operating mode, providing the fault condition has
been removed.
Surge Voltage Protection
The HC5526 must be protected against surge voltages and
power crosses. Refer to “Maximum Ratings” TIPX and RINGX
terminals for maximum allowable transient tip and ring
voltages. The protection circuit shown in Figure 21 utilizes
diodes together with a clamping device to protect tip and ring
against high voltage transients.
Positive transients on tip or ring are clamped to within a couple
of volts above ground via diodes D1 and D2. Under normal
operating conditions D1 and D2 are reverse biased and out of
the circuit.
Negative transients on tip and ring are clamped to within a
couple of volts below ground via diodes D3 and D4 with the
help of a Surgector. The Surgector is required to block
conduction through diodes D3 and D4 under normal operating
conditions and allows negative surges to be returned to system
ground.
The fuse resistors (RF) serve a dual purpose of being
nondestructive power dissipaters during surge and fuses when
the line in exposed to a power cross.
FIGURE 20A.
FIGURE 20B.
FIGURE 20. LONGITUDINAL IMPEDANCE NETWORK
TIP
RING
VBAT/2
GT
GR
I1
I1
I2
I2
IT
IR
RLARGE
RLARGE
VT
+
-
ILONG
ILONG
HC5526
ILONG
ILONG
VR+
-
VC
+
-
VBAT/2
VC
RLARGE
RLARGE
TIP
RING
5k
5k
20
+
-
2I0
I1
I1
GT
TIP CURRENT SOURCE
WITH DIFFERENTIAL INPUTS
TIP DIFFERENTIAL
TRANSCONDUCTANCE
AMPLIFIER
f3dB
1
2
RHP
CHP

-----------------------------------------------------
=
(EQ. 28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com