Electronic Components Datasheet Search
  English  ▼

X  

HC5526 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5526 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HC5526 Datasheet HTML 11Page - Renesas Technology Corp HC5526 Datasheet HTML 12Page - Renesas Technology Corp HC5526 Datasheet HTML 13Page - Renesas Technology Corp HC5526 Datasheet HTML 14Page - Renesas Technology Corp HC5526 Datasheet HTML 15Page - Renesas Technology Corp HC5526 Datasheet HTML 16Page - Renesas Technology Corp HC5526 Datasheet HTML 17Page - Renesas Technology Corp HC5526 Datasheet HTML 18Page - Renesas Technology Corp HC5526 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
HC5526
FN4151 Rev 8.00
Page 17 of 19
August 2003
11. Two-Wire Return Loss.
The 2-wire return loss is computed using
the following equation:
r = -20
 log (2VM/VS),
where: ZD = The desired impedance; e.g., the characteristic
impedance of the line, nominally 600
(Reference Figure 6).
12. Overload Level (4-Wire port).
The overload level is specified at the
4-wire transmit port (VTXO) with the signal source (EG) at the 2-
wire port, IDCMET =23mA, ZL = 20k (Reference Figure 7).
Increase the amplitude of EG until 1% THD is measured at VTXO.
Note that the gain from the 2-wire port to the 4-wire port is equal to 1.
13. Output Offset Voltage.
The output offset voltage is specified with
the following conditions: EG = 0, IDCMET = 23mA, ZL =  and is
measured at VTX. EG, IDCMET, VTX and ZL are defined in Figure
7. Note: IDCMET is established with a series 600 resistor between
tip and ring.
14. Two-Wire to Four-Wire (Metallic to VTX) Voltage Gain.
The 2-wire
to 4-wire (metallic to VTX) voltage gain is computed using the
following equation.
G2-4 = (VTX/VTR), EG = 0dBm0, VTX, VTR, and EG are defined
in Figure 7.
15. Current Gain RSN to Metallic.
The current gain RSN to Metallic is
computed using the following equation:
K = IM [(RDC1 + RDC2)/(VRDC - VRSN)] K, IM, RDC1, RDC2,
VRDC and VRSN are defined in Figure 8.
16. Two-Wire to Four-Wire Frequency Response.
The 2-wire to 4-
wire frequency response is measured with respect to EG = 0dBm at
1.0kHz, ERX = 0V, IDCMET = 23mA. The frequency response is
computed using the following equation:
F2-4 = 20  log (VTX/VTR), vary frequency from 300Hz to 3.4kHz
and compare to 1kHz reading.
VTX, VTR, and EG are defined in Figure 9.
17. Four-Wire to Two-Wire Frequency Response.
The
4-wire
to
2-wire frequency response is measured with respect to
ERX = 0dBm at 1.0kHz, EG = 0V, IDCMET = 23mA. The frequency
response is computed using the following equation:
F4-2 = 20  log (VTR/ERX), vary frequency from 300Hz to 3.4kHz
and compare to 1kHz reading.
VTR and ERX are defined in Figure 9.
18. Four-Wire to Four-Wire Frequency Response.
The
4-wire
to
4-wire frequency response is measured with respect to
ERX = 0dBm at 1.0kHz, EG = 0V, IDCMET = 23mA. The frequency
response is computed using the following equation:
F4-4 = 20  log (VTX/ERX), vary frequency from 300Hz to 3.4kHz
and compare to 1kHz reading.
VTX and ERX are defined in Figure 9.
19. Two-Wire to Four-Wire Insertion Loss.
The
2-wire
to
4-wire
insertion loss is measured with respect to EG = 0dBm at 1.0kHz
input signal, ERX = 0, IDCMET = 23mA and is computed using the
following equation:
L2-4 = 20  log (VTX/VTR).
where: VTX, VTR, and EG are defined in Figure 9. (Note: The fuse
resistors, RF, impact the insertion loss. The specified insertion loss
is for RF = 0).
20. Four-Wire to Two-Wire Insertion Loss.
The
4-wire
to
2-wire
insertion loss is measured based upon ERX = 0dBm, 1.0kHz input
signal, EG = 0, IDCMET = 23mA and is computed using the following
equation:
L4-2 = 20  log (VTR/ERX).
where: VTR and ERX are defined in Figure 9.
21. Two-Wire to Four-Wire Gain Tracking.
The 2-wire to 4-wire gain
tracking is referenced to measurements taken for EG = -10dBm,
1.0kHz signal, ERX = 0, IDCMET = 23mA and is computed using
the following equation.
G2-4 = 20  log (VTX/VTR) vary amplitude -40dBm to +3dBm, or
-55dBm to -40dBm and compare to -10dBm reading.
VTX and VTR are defined in Figure 9.
22. Four-Wire to Two-Wire Gain Tracking.
The 4-wire to 2-wire gain
tracking is referenced to measurements taken for ERX = -10dBm,
1.0kHz signal, EG = 0, IDCMET = 23mA and is computed using the
following equation:
G4-2 = 20  log (VTR/ERX) vary amplitude -40dBm to +3dBm, or
-55dBm to -40dBm and compare to -10dBm reading.
VTR and ERX are defined in Figure 9. The level is specified at the 4-
wire receive port and referenced to a 600
 impedance level.
23. Two-Wire Idle Channel Noise.
The 2-wire idle channel noise at
VTR is specified with the 2-wire port terminated in 600(RL) and
with the 4-wire receive port grounded (Reference Figure 10).
24. Four-Wire Idle Channel Noise.
The 4-wire idle channel noise at
VTX is specified with the 2-wire port terminated in 600(RL). The
noise specification is with respect to a 600
 impedance level at
VTX. The 4-wire receive port is grounded (Reference Figure 10).
25. Harmonic Distortion (2-Wire to 4-Wire).
The harmonic distortion
is measured with the following conditions. EG = 0dBm at 1kHz,
IDCMET = 23mA. Measurement taken at VTX. (Reference Figure
7).
26. Harmonic Distortion (4-Wire to 2-Wire).
The harmonic distortion
is measured with the following conditions. ERX = 0dBm0. Vary
frequency between 300Hz and 3.4kHz, IDCMET = 23mA.
Measurement taken at VTR. (Reference Figure 9).
27. Constant Loop Current.
The constant loop current is calculated using
the following equation:
IL = 2500 / (RDC1 + RDC2).
28. Standby State Loop Current.
The standby state loop current is
calculated using the following equation:
IL = [|VBAT| - 3] / [RL +1800], TA = 25oC.
29. Ground Key Detector.
(TRIGGER) Increase the input current to
8mA and verify that DET goes low.
(RESET) Decrease the input current from 17mA to 3mA and verify
that DET goes high.
(Hysteresis) Compare difference between trigger and reset.
30. Power Supply Rejection Ratio.
Inject a 100mVRMS signal (50Hz
to 4kHz) on VBAT, VCC and VEE supplies. PSRR is computed using
the following equation:
PSRR = 20
 log (VTX/VIN). VTX and VIN are defined in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com