Electronic Components Datasheet Search
  English  ▼

X  

HC5526 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5526 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HC5526 Datasheet HTML 1Page - Renesas Technology Corp HC5526 Datasheet HTML 2Page - Renesas Technology Corp HC5526 Datasheet HTML 3Page - Renesas Technology Corp HC5526 Datasheet HTML 4Page - Renesas Technology Corp HC5526 Datasheet HTML 5Page - Renesas Technology Corp HC5526 Datasheet HTML 6Page - Renesas Technology Corp HC5526 Datasheet HTML 7Page - Renesas Technology Corp HC5526 Datasheet HTML 8Page - Renesas Technology Corp HC5526 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HC5526
FN4151 Rev 8.00
Page 2 of 19
August 2003
Pin Descriptions
PLCC
SYMBOL
DESCRIPTION
1RINGSENSE Internally connected to output of RING power amplifier.
2
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground.
Internally separate from AGND but it is recommended that it is connected to the same potential as AGND.
4VCC
5V power supply.
5
RINGRLY
Ring relay driver output.
6VBAT
Battery supply voltage, -24V to -56V.
7RSG
Saturation guard programming resistor pin.
8
E1
TTL compatible logic input. The logic state of E1 in conjunction with the logic state of C1 determines which detector is
gated to the DET output.
9
E0
TTL compatible logic input. Enables the DET output when set to logic level zero and disables DET output when set to
a logic level one.
11
DET
Detector output. TTL compatible logic output. A zero logic level indicates that the selected detector was triggered (see
Truth Table for selection of Ground Key detector, Loop Current detector or the Ring Trip detector). The DET output is
an open collector with an internal pull-up of approximately 15k
 to VCC.
12
C2
TTL compatible logic input. The logic states of C1 and C2 determine the operating states (Open Circuit, Active, Ringing
or Standby) of the SLIC.
13
C1
TTL compatible logic input. The logic states of C1 and C2 determine the operating states (Open Circuit, Active, Ringing
or Standby) of the SLIC.
14
RDC
DC feed current programming resistor pin. Constant current feed is programmed by resistors RDC1 and RDC2
connected in series from this pin to the receive summing node (RSN). The resistor junction point is decoupled to AGND
to isolate the AC signal components.
15
AGND
Analog ground.
16
RSN
Receive Summing Node. The AC and DC current flowing into this pin establishes the metallic loop current that flows
between tip and ring. The magnitude of the metallic loop current is 1000 times greater than the current into the RSN
pin. The constant current programming resistors and the networks for program receive gain and 2-wire impedance all
connect to this pin.
18
VEE
-5V power supply.
19
VTX
Transmit audio output. This output is equivalent to the TIP to RING metallic voltage. The network for programming the
2-wire input impedance connects between this pin and RSN.
20
HPR
RING side of AC/DC separation capacitor CHP. CHP is required to properly separate the ring AC current from the DC
loop current. The other end of CHP is connected to HPT.
21
HPT
TIP side of AC/DC separation capacitor CHP. CHP is required to properly separate the tip AC current from the DC loop
current. The other end of CHP is connected to HPR.
22
RD
Loop current programming resistor. Resistor RD sets the trigger level for the loop current detect circuit. A filter capacitor
CD is also connected between this pin and VEE.
23
DT
Input to ring trip comparator. Ring trip detection is accomplished by connecting an external network to a comparator in
the SLIC with inputs DT and DR.
25
DR
Input to ring trip comparator. Ring trip detection is accomplished by connecting an external network to a comparator in
the SLIC with inputs DT and DR.
26
TIPSENSE
Internally connected to output of tip power amplifier.
27
TIPX
Output of tip power amplifier.
28
RINGX
Output of ring power amplifier.
3, 10, 17,
24
N/C
No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com