Electronic Components Datasheet Search
  English  ▼

X  

ICS1526 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS1526
Description  Integrated Device Technology, Inc.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1526 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS1526 Datasheet HTML 1Page - Renesas Technology Corp ICS1526 Datasheet HTML 2Page - Renesas Technology Corp ICS1526 Datasheet HTML 3Page - Renesas Technology Corp ICS1526 Datasheet HTML 4Page - Renesas Technology Corp ICS1526 Datasheet HTML 5Page - Renesas Technology Corp ICS1526 Datasheet HTML 6Page - Renesas Technology Corp ICS1526 Datasheet HTML 7Page - Renesas Technology Corp ICS1526 Datasheet HTML 8Page - Renesas Technology Corp ICS1526 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MDS 1526 P
4
Revision 051310
Integrated Device Technology, Inc. www.idt. com Tech Support: www.idt.com/go/clockhelp
(IDT™/ICS™)
Section 2 Pin Descriptions
ICS1526 Data Sheet
Section 2 Pin Descriptions
Notes: 1. These LVTTL inputs are 5 V tolerant.
2. Connect to ground if unused.
Table 2-1
ICS1526 Pin Descriptions
PIN NO. PIN NAME
TYPE
DESCRIPTION
COMMENTS
Notes
1
VSSD
POWER
Digital ground
2SDA
IN/OUT
Serial data
I2C-bus
1
3SCL
IN
Serial clock
I2C-bus
1
4
VSYNC
IN
Vertical sync
1 & 2
5HSYNC
IN
Horizontal sync
Clock input to PLL
1 & 2
6VDDA
POWER
Analog supply
Power for analog circuitry
7
VSSA
POWER
Analog ground
Ground for analog circuitry
8OSC
IN
Oscillator
Input from crystal oscillator package
1 & 2
9I2CADR
IN
I2C device address
Chip I2C address select
10
LOCK
LVCMOS
OUT
Lock
PLL Lock detect
11
HSYNC_out
LVCMOS
OUT
HSYNC output
Schmitt-trigger filtered HSYNC
realigned with the output pixel clock
12
CLK
LVCMOS
OUT
Pixel clock output
LVCMOS driver for full speed clock
13
VDDQ
POWER
Output driver supply
Power for output drivers
14
VSYNC_out
LVCMOS
OUT
VSYNC output
Schmitt-trigger filtered VSYNC
realigned with the output pixel clock
15
VSSQ
POWER
Output driver ground
Ground for output drivers
16
VDDD
POWER
Digital supply
Power for digital sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com