Electronic Components Datasheet Search
  English  ▼

X  

ICS1526 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS1526
Description  Integrated Device Technology, Inc.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1526 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS1526 Datasheet HTML 1Page - Renesas Technology Corp ICS1526 Datasheet HTML 2Page - Renesas Technology Corp ICS1526 Datasheet HTML 3Page - Renesas Technology Corp ICS1526 Datasheet HTML 4Page - Renesas Technology Corp ICS1526 Datasheet HTML 5Page - Renesas Technology Corp ICS1526 Datasheet HTML 6Page - Renesas Technology Corp ICS1526 Datasheet HTML 7Page - Renesas Technology Corp ICS1526 Datasheet HTML 8Page - Renesas Technology Corp ICS1526 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MDS 1526 P
Revision 051310
IDT reserves the right to make changes in the preliminary device data
identified in this publication without notice. IDT advises its customers
to obtain the latest version of all device data to verify that information
being relied upon is current and accurate.
Integrated Device Technology, Inc.
ICS1526
Video Clock Synthesizer
Features
• Lead-free packaging (Pb-free)
• Low jitter (typical 27 ps short term jitter)
• Wide input frequency range
• 8 kHz to 100 MHz
• LVCMOS single-ended clock outputs
• Up to 110 MHz
• Uses 3.3 V power supply
• 5 Volt tolerant Inputs (HSYNC, VSYNC)
• Coast (ignore HSYNC) capability via VSYNC pin
• Industry standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK output pin
• 16-pin TSSOP package
Applications
• Frequency synthesis
• LCD monitors, video projectors and plasma displays
• Genlocking multiple video subsystems
Pin Configuration (16-pin TSSOP)
VDDD
1
VSSD
SDA
SCL
VSYNC
I2CADR
VDDA
VSSQ
VDDQ
CLK
HSYNC_out
LOCK
VSYNC_out
OSC
HSYNC
VSSA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
General Description
The ICS1526 is a low-cost, high-performance
frequency generator. It is suited to general purpose
phase controlled clock synthesis as well as
line-locked and genlocked high-resolution video
applications. Using IDT’s advanced low-voltage
CMOS mixed-mode technology, the ICS1526 is an
effective clock synthesizer that supports video
projectors and displays at resolutions from VGA to
beyond XGA.
The ICS1526 offers single-ended clock outputs to 110
MHz. The HSYNC_out, and VSYNC_out pins provide
the regenerated versions of the HSYNC and VSYNC
inputs synchronous to the CLK output.
The advanced PLL uses its internal programmable
feedback divider. The device is programmed by a
standard I2C-bus™ serial interface and is available in
a TSSOP16 package.
ICS1526 Functional Diagram
HSYNC
VSYNC
I2C
HSYNC_out
VSYNC_out
CLK
OSC
LOCK
ICS1526


Similar Part No. - ICS1526

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
ICS1526GLF ICST-ICS1526GLF Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
ICS1526GLFTR ICST-ICS1526GLFTR Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
More results

Similar Description - ICS1526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0709 ETC-A0709 Datasheet
145Kb / 1P
CIRCUIT INTERRUPTION TECHNOLOGY INC
logo
Aplus Intergrated Circu...
AIVR3K APLUS-AIVR3K Datasheet
342Kb / 11P
APLUS INTEGRATED CIRCUITS INC
logo
List of Unclassifed Man...
OSTTE030104 ETC2-OSTTE030104 Datasheet
113Kb / 1P
ON-SHORE TECHNOLOGY, INC
USB-A1HSW6 ETC-USB-A1HSW6 Datasheet
79Kb / 1P
ON-SHORE TECHNOLOGY,INC
logo
Aplus Intergrated Circu...
AP8910A1 APLUS-AP8910A1_15 Datasheet
218Kb / 18P
Integrated Circuits Inc
AP8921A APLUS-AP8921A_15 Datasheet
218Kb / 18P
APLUS INTEGRATED CIRCUITS INC
AP89021 APLUS-AP89021_15 Datasheet
236Kb / 18P
APLUS INTEGRATED CIRCUITS INC
AP89085 APLUS-AP89085_15 Datasheet
359Kb / 24P
Integrated Circuits Inc.
AP89170 APLUS-AP89170_15 Datasheet
359Kb / 24P
Integrated Circuits Inc.
AP89341 APLUS-AP89341_15 Datasheet
359Kb / 24P
Integrated Circuits Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com