Electronic Components Datasheet Search
  English  ▼

X  

ICS1526 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS1526
Description  Integrated Device Technology, Inc.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1526 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS1526 Datasheet HTML 1Page - Renesas Technology Corp ICS1526 Datasheet HTML 2Page - Renesas Technology Corp ICS1526 Datasheet HTML 3Page - Renesas Technology Corp ICS1526 Datasheet HTML 4Page - Renesas Technology Corp ICS1526 Datasheet HTML 5Page - Renesas Technology Corp ICS1526 Datasheet HTML 6Page - Renesas Technology Corp ICS1526 Datasheet HTML 7Page - Renesas Technology Corp ICS1526 Datasheet HTML 8Page - Renesas Technology Corp ICS1526 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MDS 1526 P
2
Revision 051310
Integrated Device Technology, Inc. www.idt. com Tech Support: www.idt.com/go/clockhelp
(IDT™/ICS™)
Section 1 Overview
ICS1526 Data Sheet
Section 1 Overview
The ICS1526 is a user-programmable,
high-performance general purpose clock generator. It
is intended for graphics system line-locked and
genlocked applications and provides the clock signals
required by high-performance analog-to-digital
converters.
The ICS1526 has the ability to operate in line-locked
mode with the HSYNC input.
1.1 Phase-Locked Loop
The phase-locked loop has a very wide input frequency
range (8 kHz to 100 MHz). Not only is the ICS1526 an
excellent, general purpose clock synthesizer, but it is
also capable of line-locked operation. Refer to the
block diagram below.
The heart of the ICS1526 is a voltage controlled
oscillator (VCO). The VCOs speed is controlled by the
voltage on the loop filter. This voltage will be described
later in this section.
The VCOs clock output is first passed through the VCO
Divider (VCOD). The VCOD allows the VCO to operate
at higher speeds than the required output clock.
NOTE: Under normal, locked operation the VCOD has
no effect on the speed of the output clocks, just the
VCO frequency.
The output of the VCOD is the full speed output
frequency seen on the CLK. This clock is then sent
through the 12-bit internal Feedback Divider (FD). The
feedback divider controls how many clocks are seen
during every cycle of the input reference.
The Phase Frequency Detector (PFD) then compares
the feedback to the input and controls the filter voltage
by enabling and disabling the charge pump. The
charge pump has programmable current drive and will
source and sink current as appropriate to keep the
input and the clock output aligned.
The input HSYNC and VSYNC can be conditioned by a
high-performance Schmitt-trigger by sharpening the
rising/falling edge.
The HSYNC_out and VSYNC_out signals are aligned
with the output clock (CLK) via a set of flip flops.
1.2 Output Drivers and Logic Inputs
The ICS1526 uses low-voltage TTL (LVTTL) inputs and
LVCMOS outputs, operating at the 3.3 V supply
voltage. The LVTTL inputs are 5 V tolerant.
The LVCMOS drive resistive terminations or
transmission lines.
1.3 Automatic Power-On Reset Detection
The ICS1526 has automatic power-on reset detection
(POR) circuitry and it resets itself if the supply voltage
drops below threshold values. No external connection
to a reset signal is required.
PFD
CP
VCO
VCOD
2,4,8,16
HSYNC
Flip-flop
VSYNC
CLK
HSYNC_out
VSYNC_out
FD
12..4103
Flip-flop
Divider
3..129
OSC
Figure 1-1 Simplified Block Diagram
Note: Polarity controls and other circuit elements are not shown in above diagram for simplicity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com