Electronic Components Datasheet Search
  English  ▼

X  

ICS1526 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS1526
Description  Integrated Device Technology, Inc.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1526 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS1526 Datasheet HTML 3Page - Renesas Technology Corp ICS1526 Datasheet HTML 4Page - Renesas Technology Corp ICS1526 Datasheet HTML 5Page - Renesas Technology Corp ICS1526 Datasheet HTML 6Page - Renesas Technology Corp ICS1526 Datasheet HTML 7Page - Renesas Technology Corp ICS1526 Datasheet HTML 8Page - Renesas Technology Corp ICS1526 Datasheet HTML 9Page - Renesas Technology Corp ICS1526 Datasheet HTML 10Page - Renesas Technology Corp ICS1526 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MDS 1526 P
10
Revision 051310
Integrated Device Technology, Inc. www.idt. com Tech Support: www.idt.com/go/clockhelp
(IDT™/ICS™)
Section 5 AC/DC Operating Conditions
ICS1526 Data Sheet
Note 1—Measured between chosen edge of HSYNC (00h:2) and rising edge of output
Note 2—Measured at 110 MHz, 3.3 VDC, 25oC, 15 pF, unterminated
Clock/ HSYNC_out/
VSYNC_out
Transition Time - Fall
TCF
1.0
1.5
ns
2
LOCK Transition Time - Rise
TLR
3.0
ns
2
LOCK Transition Time - Fall
TLF
2.0
ns
2
Parameter
Symbol
Min.
Typical
Max.
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com