Electronic Components Datasheet Search
  English  ▼

X  

UA78L02ACLP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L02ACLP
Description  UA78L Series Positive-Voltage Linear Regulators
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L02ACLP Datasheet(HTML) 4 Page - Texas Instruments

  UA78L02ACLP Datasheet HTML 1Page - Texas Instruments UA78L02ACLP Datasheet HTML 2Page - Texas Instruments UA78L02ACLP Datasheet HTML 3Page - Texas Instruments UA78L02ACLP Datasheet HTML 4Page - Texas Instruments UA78L02ACLP Datasheet HTML 5Page - Texas Instruments UA78L02ACLP Datasheet HTML 6Page - Texas Instruments UA78L02ACLP Datasheet HTML 7Page - Texas Instruments UA78L02ACLP Datasheet HTML 8Page - Texas Instruments UA78L02ACLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)((1))
MIN
MAX
UNIT
Input voltage, VI (for legacy chip)
UA78L02AC, UA78L05C, UA78L09C, and UA78L10AC
30
V
UA78L12C, UA78L12AC, UA78L15C, and UA78L15AC
35
Input voltage, VI (for new chip)
UA78L00AC, UA78L00C and UA78L00AI
45
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
TYP
MAX
UNIT
VI
Input voltage
UA78L02AC (for legacy chip only)
4.75
20
V
UA78L033AC (for new chip only)
4.75
20
UA78L05C and UA78L05AC (for both
legacy and new chip)
7
20
UA78L06C and UA78L06AC (for legacy
chip only)
8.5
20
UA78L08C and UA78L08AC (for legacy
chip only)
10.5
23
UA78L09C and UA78L09AC (for legacy
chip only)
11.5
24
UA78L10AC (for legacy chip only)
12.5
25
UA78L12C and UA78L12AC (for both
legacy and new chip)
14.5
27
UA78L15C and UA78L15AC (for both
legacy and new chip)
17.5
30
IO
Output current
100
mA
CIN(2)
Input capacitor (3)
0.33
µF
COUT(2)
Output capacitor ((4))
0.1
TJ
Operating junction temperature
UA78L00C and UA78L00AC series (for
legacy chip)
0
125
°C
UA78L05AI (for legacy chip)
–40
125
UA78L00C , UA78L00AC and UA78L05AI
series (for new chip)
–40
125
(1)
All voltages are with respect to GND.
(2)
UA78L00 regulator doesn't need any external capacitors for the the LDO stability.
(3)
An input capacitor with value of 0.33 μF is recommended to counteract the effect of source resistance and inductance, which may in
some cases cause symptoms of system level instability such as ringing or oscillation, especially in the presence of load transients.
(4)
An output capacitor with value of 0.1 μF is rrecommended to improve the load and line transient performance of the UA78L00
regulator.
UA78L
SLVS010W – JANUARY 1976 – REVISED APRIL 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: UA78L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com