Electronic Components Datasheet Search
  English  ▼

X  

MPC9350 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC9350
Description  Low Voltage PLL Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9350 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC9350 Datasheet HTML 1Page - Renesas Technology Corp MPC9350 Datasheet HTML 2Page - Renesas Technology Corp MPC9350 Datasheet HTML 3Page - Renesas Technology Corp MPC9350 Datasheet HTML 4Page - Renesas Technology Corp MPC9350 Datasheet HTML 5Page - Renesas Technology Corp MPC9350 Datasheet HTML 6Page - Renesas Technology Corp MPC9350 Datasheet HTML 7Page - Renesas Technology Corp MPC9350 Datasheet HTML 8Page - Renesas Technology Corp MPC9350 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MPC9350 REVISION 7 March 11, 2016
4
©2012 Integrated Device Technology, Inc.
MPC9350 Data Sheet
Low Voltage PLL Clock Driver
Table 4. DC Characteristics (VCC = 3.3 V  5%, TA = -40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
–0.3
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH = –24 mA
(1)
1. The MPC9350 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
IIN
Input Current
200
A
VIN = 0 V or VIN = VCC
ZOUT
Output impedance
14 – 17
CIN
Input capacitance
4.0
pF
CPD
Power Dissipation Capacitance
10
pF
Per Output
ICCA
Maximum PLL Supply Current
10
mA
VCCA Pin
ICC
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
VTT
Output termination voltage
VCC2
V
Table 5. Characteristics (VCC = 3.3 V  5% or VCC = 2.5 V  5%, TA = -40° to 85°C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
 16 feedback
 32 feedback
Static Test Mode
12.5
6.25
0
25
12.5
300
MHz
MHz
MHz
FBSEL = 1
FBSEL = 0
PLL_EN = 0
fXTAL
Crystal Oscillator Frequency
10
25
MHz
XTAL inputs
fVCO
VCO Frequency
200
400
MHz
PLL_EN = 1
fMAX
Maximum Output Frequency
 2 output
 4 output
 8 output
100
50
25
200
100
50
MHz
MHz
MHz
frefDC
Reference Input Duty Cycle
25
75
%
tr, tf
TLCK Input Rise/Fall Time
VCC = 2.5 V
VCC = 3.3 V
1.0
1.0
ns
ns
0.7 V to 1.7 V
0.8 V to 2.0 V
tsk(o)
Output-to-output Skew
45
150
ps
tPW
Output Duty Cycle
45
50
55
ps
T=Clock period
tr, tf
Output Rise/Fall Time
0.1
0.5
1.0
ns
see Figure 10
tPLZ, HZ
Output Disable Time
10
ns
tPZL, LZ
Output Enable Time
10
ns
BW
PLL closed loop bandwidth
 16 feedback (V
CC = 3.3 V)
 16 feedback (V
CC = 2.5 V)
 32 feedback (V
CC = 3.3 V)
 32 feedback (V
CC = 2.5 V)
2.0 – 8.0
1.0 – 4.0
1.5 – 3.5
0.7 – 2.0
MHz
MHz
MHz
MHz
tJIT(CC)
Cycle-to-cycle jitter
single frequency
multiple frequencies
30
100
200
300
ps
ps
tJIT(PER)
Period Jitter
 16 feedback
 32 feedback
30
80
150
200
ps
ps
tLOCK
Maximum PLL Lock Time
1
ms
tJIT()
I/O Phase Jitter (RMS)
5 – 20
ps
RMS value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com