Electronic Components Datasheet Search
  English  ▼

X  

MPC9350 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9350
Description  Low Voltage PLL Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9350 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9350 Datasheet HTML 1Page - Renesas Technology Corp MPC9350 Datasheet HTML 2Page - Renesas Technology Corp MPC9350 Datasheet HTML 3Page - Renesas Technology Corp MPC9350 Datasheet HTML 4Page - Renesas Technology Corp MPC9350 Datasheet HTML 5Page - Renesas Technology Corp MPC9350 Datasheet HTML 6Page - Renesas Technology Corp MPC9350 Datasheet HTML 7Page - Renesas Technology Corp MPC9350 Datasheet HTML 8Page - Renesas Technology Corp MPC9350 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MPC9350 REVISION 7 March 11, 2016
2
©2012 Integrated Device Technology, Inc.
MPC9350 Data Sheet
Low Voltage PLL Clock Driver
Figure 1. MPC9350 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
D
Q
PLL
(Pulldown)
FBSEL
FSELA
QA
REF_SEL
0
1
Ref
FB
200 – 400 MHz
2
4
8
QB
0
1
0
1
0
1
FSELB
FSELC
(Pulldown)
(Pulldown)
(Pullup)
(Pulldown)
PLL_EN
FSELD
D
Q
QC1
0
1
D
Q
QC0
QD2
0
1
D
Q
QD1
QD0
QD4
QD3
(Pulldown)
(Pulldown)
(Pulldown)
(Pulldown)
XTAL1
XTAL2
TCLK
0
1
16
32
OE
GND
QB
VCCO
QA
GND
TCLK
PLL_EN
QD2
VCCO
QD3
GND
QD4
VCCO
XTAL2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
34
56
7
8
24
23
22
21
20
19
18
17
16
MPC9350
REF_SEL
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com