Electronic Components Datasheet Search
  English  ▼

X  

MPC9350 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9350
Description  Low Voltage PLL Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9350 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9350 Datasheet HTML 2Page - Renesas Technology Corp MPC9350 Datasheet HTML 3Page - Renesas Technology Corp MPC9350 Datasheet HTML 4Page - Renesas Technology Corp MPC9350 Datasheet HTML 5Page - Renesas Technology Corp MPC9350 Datasheet HTML 6Page - Renesas Technology Corp MPC9350 Datasheet HTML 7Page - Renesas Technology Corp MPC9350 Datasheet HTML 8Page - Renesas Technology Corp MPC9350 Datasheet HTML 9Page - Renesas Technology Corp MPC9350 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MPC9350 REVISION 7 March 11, 2016
6
©2012 Integrated Device Technology, Inc.
MPC9350 Data Sheet
Low Voltage PLL Clock Driver
APPLICATIONS INFORMATION
Programming the MPC9350
The MPC9350 clock driver outputs can be configured into
several divider modes. In addition, the internal feedback of
the device allows for flexibility in establishing two input to
output frequency relationships. The output division settings
establish the output frequency relationship. The output
divider of the four output groups allows the user to configure
the outputs into 1:1, 2:1, 4:1 and 4:2:1 frequency ratios. The
use of even dividers ensures that the output duty cycle is
always 50%. Table 7 and Table 8 illustrate the various output
configurations. The tables describe the outputs using the
input clock frequency CLK as a reference.
In addition, it must be ensured that the VCO will be stable
given the frequency of the outputs desired. The feedback
frequency should be used to situate the VCO into a frequency
range in which the PLL will be stable. The design of the PLL
supports output frequencies from 25 MHz to 200 MHz while
the VCO frequency range is specified from 200 MHz to
400 MHz and should not be exceeded for stable operation.
Table 7. Output Frequency Relationship(1) FBSEL = 0, (VC0 = 32 * CLK)
1. Output frequency relationship with respect to input reference frequency CLK. Consult the MPC9351 data sheet for more input to output
relationships in external feedback mode.
Inputs
Outputs
FSELA
FSELB
FSELC
FSELD
QA
QB
QC0, QC1
QD0–QD4
0
0
0
0
16 * CLK
8 * CLK
8 * CLK
8 * CLK
0
0
0
1
16 * CLK
8 * CLK
8 * CLK
4 * CLK
0
0
1
0
16 * CLK
8 * CLK
4 * CLK
8 * CLK
0
0
1
1
16 * CLK
8 * CLK
4 * CLK
4 * CLK
0
1
0
0
16 * CLK
4 * CLK
8 * CLK
8 * CLK
0
1
0
1
16 * CLK
4 * CLK
8 * CLK
4 * CLK
0
1
1
0
16 * CLK
4 * CLK
4 * CLK
8 * CLK
0
1
1
1
16 * CLK
4 * CLK
4 * CLK
4 * CLK
1
0
0
0
8 * CLK
8 * CLK
8 * CLK
8 * CLK
1
0
0
1
8 * CLK
8 * CLK
8 * CLK
4 * CLK
1
0
1
0
8 * CLK
8 * CLK
4 * CLK
8 * CLK
1
0
1
1
8 * CLK
8 * CLK
4 * CLK
4 * CLK
1
1
0
0
8 * CLK
4 * CLK
8 * CLK
8 * CLK
1
1
0
1
8 * CLK
4 * CLK
8 * CLK
4 * CLK
1
1
1
0
8 * CLK
4 * CLK
4 * CLK
8 * CLK
1
1
1
1
8 * CLK
4 * CLK
4 * CLK
4 * CLK
Table 8. Output Frequency Relationship(1) FBSEL = 1, (VC0 = 16 * CLK)
1. Output frequency relationship with respect to input reference frequency CLK. Consult the MPC9351 data sheet for more input to output
relationships in external feedback mode.
Inputs
Outputs
FSELA
FSELB
FSELC
FSELD
QA
QB
QC0, QC1
QD0–QD4
0
0
0
0
8 * CLK
4 * CLK
4 * CLK
4 * CLK
0
0
0
1
8 * CLK
4 * CLK
4 * CLK
2 * CLK
0
0
1
0
8 * CLK
4 * CLK
2 * CLK
4 * CLK
0
0
1
1
8 * CLK
4 * CLK
2 * CLK
2 * CLK
0
1
0
0
8 * CLK
2 * CLK
4 * CLK
4 * CLK
0
1
0
1
8 * CLK
2 * CLK
4 * CLK
2 * CLK
0
1
1
0
8 * CLK
2 * CLK
2 * CLK
4 * CLK
0
1
1
1
8 * CLK
2 * CLK
2 * CLK
2 * CLK
1
0
0
0
4 * CLK
4 * CLK
4 * CLK
4 * CLK
1
0
0
1
4 * CLK
4 * CLK
4 * CLK
2 * CLK
1
0
1
0
4 * CLK
4 * CLK
2 * CLK
4 * CLK
1
0
1
1
4 * CLK
4 * CLK
2 * CLK
2 * CLK
1
1
0
0
4 * CLK
2 * CLK
4 * CLK
4 * CLK
1
1
0
1
4 * CLK
2 * CLK
4 * CLK
2 * CLK
1
1
1
0
4 * CLK
2 * CLK
2 * CLK
4 * CLK
1
1
1
1
4 * CLK
2 * CLK
2 * CLK
2 * CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com