Electronic Components Datasheet Search
  English  ▼

X  

MPC9447 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC9447 Datasheet HTML 1Page - Renesas Technology Corp MPC9447 Datasheet HTML 2Page - Renesas Technology Corp MPC9447 Datasheet HTML 3Page - Renesas Technology Corp MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REVISION 9 3/15/16
5
3.3V, 2.5V, 1:9 LVCMOS CLOCK FANOUT BUFFER
MPC9447 DATA SHEET
Table 8. AC Characteristics (VCC = 2.5 V ± 5%, TA = -40°C to +85°C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
350
MHz
fmax
Output Frequency
0
350
MHz
fP,REF
Reference Input Pulse Width
1.4
ns
tr, tf
CCLK0, CCLK1 Input Rise/Fall Time
1.0(2)
2. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse width,
output duty cycle and maximum frequency specifications.
ns
0.7 to 1.7 V
tPLH/HL
Propagation Delay
CCLK0 or CCLK1 to any Q
1.7
4.4
ns
tPLZ, HZ
Output Disable Time
11
ns
tPZL, ZH
Output Enable Time
11
ns
tS
Setup Time
CCLK0 or CCLK1 to CLK_STOP(3)
3. Setup and hold times are referenced to the falling edge of the selected clock signal input.
0.0
ns
tH
Hold Time
CCLK0 or CCLK1 to CLK_STOP(3)
1.0
ns
tsk(O)
Output-to-Output Skew
150
ps
tsk(PP)
Device-to-Device Skew
2.7
ns
tSK(P)
DCQ
Ouput Pulse Skew(4)
Output Duty Cycle
fQ<350 MHz
4. Output pulse skew is the absolute difference of the propagation delay times: | tPLH – tPHL |.
45
50
200
55
ps
%
DCREF = 50%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.6 to 1.8 V
tJIT
Buffer Additive Phase Jitter, RMS
0.03
ps
156.25MHz,
Integration Range:
12kHz - 20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com