Electronic Components Datasheet Search
  English  ▼

X  

MPC9447 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9447 Datasheet HTML 3Page - Renesas Technology Corp MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp MPC9447 Datasheet HTML 10Page - Renesas Technology Corp MPC9447 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REVISION 9 3/15/16
7
3.3V, 2.5V, 1:9 LVCMOS CLOCK FANOUT BUFFER
MPC9447 DATA SHEET
Since this step is well above the threshold region, it will not cause
any false clock triggering; however, designers may be
uncomfortable with unwanted reflections on the line. To better match
the impedances when driving multiple lines, the situation in Figure 6
should be used. In this case, the series terminating resistors are
reduced such that when the parallel combination is added to the
output buffer impedance, the line impedance is perfectly matched.
Figure 6. Optimized Dual Line Termination
The Following Figures Illustrate the Measurement Reference for the MPC9447 Clock Driver Circuit
Figure 7. CCLK MPC9447 AC Test Reference for VCC = 3.3 V and VCC = 2.5 V
17
MPC9447
Output
Buffer
RS = 16
ZO = 50
RS = 16
ZO = 50
17
+ 16 || 16 = 50 || 50
25
 = 25
Pulse
Generator
Z = 50
RT = 50
ZO = 50
RT = 50
ZO = 50
MPC9447 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com