Electronic Components Datasheet Search
  English  ▼

X  

MPC9447 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp MPC9447 Datasheet HTML 10Page - Renesas Technology Corp MPC9447 Datasheet HTML 11Page - Renesas Technology Corp MPC9447 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REVISION 9 3/15/16
10
©2016 Integrated Device Technology, Inc.
MPC9447 DATA SHEET
REVISION HISTORY SHEET
Rev
Table
Page
Description of Change
Date
7
T6, T8
1
2
4, 5
6
Functional Description - corrected pin name CLK_STOP to CLK_STOP.
Logic Diagram (fig 1) - corrected pin name CLK_STOP to CLK_STOP and deleted bar
from pin 1, 2, 3, 4, 6, 9, 11, 20, 25.
AC Characteristics table - corrected pin name CLK_STOP to CLK_STOP.
Figure 3 Diagram and Title - corrected pin name CLK_STOP to CLK_STOP.
9/12/11
8
1
Removed leaded part information
11/16/12
8
1
NRND – Not Recommend for New Designs
12/21/12
9
1
Removed NRND and updated data sheet format
3/18/15
9
1
Product Discontinuation Notice - Last time buy expires September 7, 2016.
PDN N-16-02
3/15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com