Electronic Components Datasheet Search
  English  ▼

X  

MPC9447 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC9447
Description  3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9447 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC9447 Datasheet HTML 4Page - Renesas Technology Corp MPC9447 Datasheet HTML 5Page - Renesas Technology Corp MPC9447 Datasheet HTML 6Page - Renesas Technology Corp MPC9447 Datasheet HTML 7Page - Renesas Technology Corp MPC9447 Datasheet HTML 8Page - Renesas Technology Corp MPC9447 Datasheet HTML 9Page - Renesas Technology Corp MPC9447 Datasheet HTML 10Page - Renesas Technology Corp MPC9447 Datasheet HTML 11Page - Renesas Technology Corp MPC9447 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REVISION 9 3/15/16
8
©2016 Integrated Device Technology, Inc.
MPC9447 DATA SHEET
Figure 8. Propagation Delay (tPD) Test Reference
Figure 9. Output-to-Output Skew tSK(LH, HL)
Figure 10. Output Pulse Skew (tSK(P)) Test Reference
Figure 11. Output Duty Cycle (DC)
Figure 12. Output Transition Time Test Reference
Figure 13. Cycle-to-Cycle Jitter
Figure 14. Setup and Hold Time (tS, tH) Test Reference
VCC
VCC2
GND
VCC
VCC2
GND
CCLK
QX
tP(LH)
tP(HL)
The pin-to-pin skew is defined as the worst case difference in
propagation delay between any similar delay path within a single
device.
VCC
VCC2
GND
VCC
VCC2
GND
tSK(LH)
tSK(HL)
VCC
VCC2
GND
VCC
VCC2
GND
tP(LH)
CCLK
QX
tP(HL)
tSK(P) = | tPLH – tPHL |
The time from the output controlled edge to the non-controlled edge,
divided by the time between output controlled edges, expressed as
a percentage.
VCC
VCC2
GND
tP
T0
DC = (tP ? T0 x 100%)
tF
tR
VCC=3.3 V VCC=2.5 V
2.4
1.8 V
0.55
0.6 V
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs.
TN
TJIT(CC) = |TN-TN+1|
TN+1
VCC
VCC2
GND
VCC
VCC2
GND
tS
CCLK
PCLK
CLK_STOP
tH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com