Electronic Components Datasheet Search
  English  ▼

X  

MPC9448 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9448
Description  3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9448 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9448 Datasheet HTML 2Page - Renesas Technology Corp MPC9448 Datasheet HTML 3Page - Renesas Technology Corp MPC9448 Datasheet HTML 4Page - Renesas Technology Corp MPC9448 Datasheet HTML 5Page - Renesas Technology Corp MPC9448 Datasheet HTML 6Page - Renesas Technology Corp MPC9448 Datasheet HTML 7Page - Renesas Technology Corp MPC9448 Datasheet HTML 8Page - Renesas Technology Corp MPC9448 Datasheet HTML 9Page - Renesas Technology Corp MPC9448 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPC9448 Rev 7 3/15/16
6
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC9448 DATASHEET
APPLICATION INFORMATION
Figure 3. Output Clock Stop (CLK_STOP)
Timing Diagram
Driving Transmission Lines
The MPC9448 clock driver was designed to drive high-
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of 17
 (V
CC =3.3 V),
the outputs can drive either parallel or series terminated
transmission lines. For more information on transmission
lines, the reader is referred to Freescale application note
AN1091. In most high performance clock networks, point-to-
point distribution of signals is the method of choice. In a point-
to-point scheme, either series terminated or parallel
terminated transmission lines can be used. The parallel
technique terminates the signal at the end of the line with a
50
 resistance to V
CC2.
Figure 4. Single versus Dual Transmission Lines
This technique draws a fairly high level of DC current ,and
thus, only a single terminated line can be driven by each
output of the MPC9448 clock driver. For the series terminated
case, however, there is no DC current draw; thus, the outputs
can drive multiple series terminated lines. Figure 4 illustrates
an output driving a single series terminated line versus two
series terminated lines in parallel. When taken to its extreme,
the fanout of the MPC9448 clock driver is effectively doubled
due to its capability to drive multiple lines at VCC = 3.3 V.
Figure 5. Single versus Dual Line
Termination Waveforms
The waveform plots in Figure 5 show the simulation
results of an output driving a single line versus two lines. In
both cases, the drive capability of the MPC9448 output buffer
is more than sufficient to drive 50
 transmission lines on the
incident edge. Note from the delay measurements in the
simulations, a delta of only 43 ps exists between the two
differently loaded outputs. This suggests that the dual line
driving need not be used exclusively to maintain the tight
output-to-output skew of the MPC9448. The output waveform
in Figure 5 shows a step in the waveform. This step is caused
by the impedance mismatch seen looking into the driver. The
parallel combination of the 33
 series resistor plus the
output impedance does not match the parallel combination of
the line impedances. The voltage wave launched down the
two lines will equal:
VL =VS (Z0  (RS+R0 +Z0))
Z0 = 50  || 50
RS = 33  || 33 
R0 = 17 
VL = 3.0 (25  (16.5+17+25)
= 1.28 V
At the load end, the voltage will double, due to the near
unity reflection coefficient, to 2.5 V. It will then increment
towards the quiescent 3.0 V in steps separated by one round
trip delay (in this case 4.0 ns).
CCLK or
PCLK
CLK_STOP
Q0 to Q11
17
IN
MPC9448
Output
Buffer
RS = 33
ZO = 50
OutA
17
IN
MPC9448
Output
BufferR
RS = 33
ZO = 50
OutB0
RS = 33
ZO = 50
OutB1
Time (ns)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com