Electronic Components Datasheet Search
  English  ▼

X  

MPC9448 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC9448
Description  3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9448 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC9448 Datasheet HTML 5Page - Renesas Technology Corp MPC9448 Datasheet HTML 6Page - Renesas Technology Corp MPC9448 Datasheet HTML 7Page - Renesas Technology Corp MPC9448 Datasheet HTML 8Page - Renesas Technology Corp MPC9448 Datasheet HTML 9Page - Renesas Technology Corp MPC9448 Datasheet HTML 10Page - Renesas Technology Corp MPC9448 Datasheet HTML 11Page - Renesas Technology Corp MPC9448 Datasheet HTML 12Page - Renesas Technology Corp MPC9448 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MPC9448 Rev 7 3/15/16
9
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC9448 DATASHEET
The Following Figures Illustrate the Measurement Reference for the MPC9448 Clock Driver Circuit
Figure 11. CCLK MPC9448 AC Test Reference for VCC = 3.3 V and VCC = 2.5 V
Figure 12. PCLK MPC9448 AC Test Reference
Pulse
Generator
Z = 50
RT = 50 
ZO = 50 
RT = 50 
ZO = 50 
MPC9448 DUT
VTT
VTT
Differential Pulse
Generator
Z = 50
RT = 50 
ZO = 50 
RT = 50 
ZO = 50 
MPC9448 DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com