Electronic Components Datasheet Search
  English  ▼

X  

MPC9448 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC9448
Description  3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9448 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC9448 Datasheet HTML 4Page - Renesas Technology Corp MPC9448 Datasheet HTML 5Page - Renesas Technology Corp MPC9448 Datasheet HTML 6Page - Renesas Technology Corp MPC9448 Datasheet HTML 7Page - Renesas Technology Corp MPC9448 Datasheet HTML 8Page - Renesas Technology Corp MPC9448 Datasheet HTML 9Page - Renesas Technology Corp MPC9448 Datasheet HTML 10Page - Renesas Technology Corp MPC9448 Datasheet HTML 11Page - Renesas Technology Corp MPC9448 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MPC9448 Rev 7 3/15/16
8
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC9448 DATASHEET
TJ,MAX should be selected according to the MTBF system
requirements, and Figure 9 Rthja can be derived from
Figure 10. The Rthja represent data based on 1S2P boards.
Using 2S2P boards will result in a lower thermal impedance
than indicated below.
If the calculated maximum frequency is below 350 MHz, it
becomes the upper clock speed limit for the given application
conditions. The following eight derating charts describe the
safe frequency operation range for the MPC9448. The charts
were calculated for a maximum tolerable die junction
temperature of 110°C (120°C), corresponding to an
estimated MTBF of 9.1 years (4 years), a supply voltage of
3.3 V and series terminated transmission line or capacitive
loading. Depending on a given set of these operating
conditions and the available device convection, a decision on
the maximum operating frequency can be made.
Figure 7. Maximum MPC9448 Frequency, VCC = 3.3 V,
MTBF 9.1 Years, Driving Series Terminated
transmission lines, 2s2p board
Figure 8. Maximum MPC9448 frequency, VCC = 3.3 V,
MTBF 9.1 Years, 4 pF Load per Line, 2s2p Board
Figure 9. No maximum Frequency Limitation for
VCC = 3.3 V, MTBF 4 Years, Driving Series
Terminated Transmission Lines, 2s2p Board
Figure 10. Maximum MPC9448 Frequency, VCC = 3.3 V,
MTBF 4 Years, 4 pF Load per Line, 2s2p Board
Table 10. Thermal Package Impedance of the 32ld LQFP
Convection, LFPM
Rthja (1P2S board),
C/W
Rthja (2P2S board),
C/W
Still air
86
61
100 lfpm
76
56
200 lfpm
71
54
300 lfpm
68
53
400 lfpm
66
52
500 lfpm
60
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com