Electronic Components Datasheet Search
  English  ▼

X  

MPC9608 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9608
Description  1:10 LVCMOS Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9608 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9608 Datasheet HTML 2Page - Renesas Technology Corp MPC9608 Datasheet HTML 3Page - Renesas Technology Corp MPC9608 Datasheet HTML 4Page - Renesas Technology Corp MPC9608 Datasheet HTML 5Page - Renesas Technology Corp MPC9608 Datasheet HTML 6Page - Renesas Technology Corp MPC9608 Datasheet HTML 7Page - Renesas Technology Corp MPC9608 Datasheet HTML 8Page - Renesas Technology Corp MPC9608 Datasheet HTML 9Page - Renesas Technology Corp MPC9608 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPC9608 REVISION 4 MARCH 15, 2016
6
©2016 Integrated Device Technology, Inc.
MPC9608 Data Sheet
1:10 LVCMOS ZERO DELAY CLOCK BUFFER
APPLICATIONS INFORMATION
Power Supply Filtering
The MPC9608 is a mixed analog/digital product. Its analog
circuitry is naturally susceptible to random noise, especially if
this noise is seen on the power supply pins. Random noise
on the VCCA (PLL) power supply impacts the device
characteristics, for instance I/O jitter. The MPC9608 provides
separate power supplies for the output buffers (VCC) and the
phase-locked loop (VCCA) of the device. The purpose of this
design technique is to isolate the high switching noise digital
outputs from the relatively sensitive internal analog
phase-locked loop. In a digital system environment where it
is more difficult to minimize noise on the power supplies a
second level of isolation may be required. The simple but
effective form of isolation is a power supply filter on the VCCA
pin for the MPC9608. Figure 3 illustrates a typical power
supply filter scheme. The MPC9608 frequency and phase
stability is most susceptible to noise with spectral content in
the 100 kHz to 20 MHz range. Therefore the filter should be
designed to target this range. The key parameter that needs
to be met in the final filter design is the DC voltage drop
across the series filter resistor RF. From the data sheet the
ICCA current (the current sourced through the VCCA pin) is
typically 4 mA (8 mA maximum), assuming that a minimum of
3.125 V must be maintained on the VCCA pin. The resistor RF
shown in Figure 3 must have a resistance of 9 – 10
(VCC = 3.3 V) to meet the voltage drop criteria.
The minimum values for RF and the filter capacitor CF are
defined by the required filter characteristics: the RC filter
should provide an attenuation greater than 40 dB for noise
whose spectral content is above 100 kHz. In the example RC
filter shown in Figure 3, the filter cut-off frequency is around
3-5 kHz and the noise attenuation at 100 kHz is better than
42 dB.
As the noise frequency crosses the series resonant point
of an individual capacitor, its overall impedance begins to
look inductive and thus increases with increasing frequency.
The parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL. Although the MPC9608 has
several design features to minimize the susceptibility to
power supply noise (isolated power and grounds and fully
differential PLL), there still may be applications in which
overall performance is being degraded due to system power
supply noise. The power supply filter schemes discussed in
this section should be adequate to eliminate power supply
noise related problems in most designs.
Using the MPC9608 in Zero-Delay Applications
Nested clock trees are typical applications for the
MPC9608. Designs using the MPC9608, as LVCMOS PLL
fanout buffer with zero insertion delay, will show significantly
lower clock skew than clock distributions developed from
CMOS fanout buffers. The external feedback option of the
MPC9608 clock driver allows for its use as a zero delay
buffer. By using the QFB output as a feedback to the PLL the
propagation delay through the device is virtually eliminated.
The PLL aligns the feedback clock output edge with the clock
input reference edge resulting in a near zero delay through
the device. The maximum insertion delay of the device in
zero-delay applications is measured between the reference
clock input and any output. This effective delay consists of the
static phase offset, I/O jitter (phase or long-term jitter),
feedback path delay and the output-to-output skew error
relative to the feedback output.
Calculation of Part-to-Part Skew
The MPC9608 zero delay buffer supports applications
where critical clock signal timing can be maintained across
several devices. If the reference clock inputs of two or more
MPC9608 are connected together, the maximum overall
timing uncertainty from the common CCLK input to any
output is:
tSK(PP) = t() + tSK(O) + tPD, LINE(FB) + tJIT()
CF
This maximum timing uncertainty consists of 4 compo-
nents: static phase offset, output skew, feedback board trace
delay, and I/O (phase) jitter:
Figure 3. VCCA Power Supply Filter
VCCA
VCC
MPC9608
10 nF
RF = 9-10  for VCC = 3.3 V
CF
33...100 nF
RF
VCC
CF = 1 F for VCC = 3.3 V
Figure 4. MPC9608 Maximum Device-to-Device Skew
tPD,LINE(FB)
tJIT()
+tSK(O)
-t()
+t()
tJIT()
+tSK(O)
tSK(PP)
Max. skew
CCLKCommon
QFBDevice 1
Any QDevice 1
QFBDevice2
Any QDevice 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com